Electronic Components Datasheet Search
  English  ▼

X  

MSP4458G Datasheet(PDF) 35 Page - Micronas

Part # MSP4458G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458G Datasheet(HTML) 35 Page - Micronas

Back Button MSP4458G Datasheet HTML 31Page - Micronas MSP4458G Datasheet HTML 32Page - Micronas MSP4458G Datasheet HTML 33Page - Micronas MSP4458G Datasheet HTML 34Page - Micronas MSP4458G Datasheet HTML 35Page - Micronas MSP4458G Datasheet HTML 36Page - Micronas MSP4458G Datasheet HTML 37Page - Micronas MSP4458G Datasheet HTML 38Page - Micronas MSP4458G Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
35
3.5.4. FM-Stereo Radio
<800080 00>
// Softreset
<800000 00>
<801000 3020 03>
// MODUS-Register: Automatic = on
<801200 0803 20>
// Source Sel. = (St or A) & Ch. Matr. = St
<801200 0E 24 03>
// FM/AM-Prescale = 24hex,
FM-Matrix = Sound A Mono
<801000 2000 40>
// Standard Select: FM-STEREO-RADIO
<801200 0073 00>
// Main Volume 0 dB
3.5.5. Automatic Standard Detection
A detailed software flow diagram is shown in Fig. 3–2
on page 36.
<800080 00>
// Softreset
<800000 00>
<801000 3020 03>
// MODUS-Register: Automatic = on
<801200 0803 20>
// Source Sel. = (St or A) & Ch. Matr. = St
<801200 0E 24 03>
// FM/AM-Prescale = 24hex,
FM-Matrix = Sound A Mono
<801200 1000 5A>
// NICAM-Prescale =
5Ahex
<801000 2000 01>
// Standard Select:
Automatic Standard Detection
// Wait till STANDARD RESULT contains a value
≤ 07FF
// IF STANDARD RESULT contains 0000
// do some error handling
// ELSE
<801200 0073 00>
// Main Volume 0 dB
3.5.6. Software Flow for
Interrupt driven STATUS Check
A detailed software flow diagram is shown in Fig. 3–2
on page 36.
If the D_CTR_I/O_1 pin of the MSP 44x8G is con-
nected to an interrupt input pin of the controller, the fol-
lowing interrupt handler can be applied to be automati-
cally
called
with
each
status
change
of
the
MSP 44x8G. The interrupt handler may adjust the dis-
play according to the new status information.
Interrupt Handler:
<80 11 02 00 <81 dd dd> // Read STATUS
// adjust display with given status information
// Return from Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com