Electronic Components Datasheet Search
  English  ▼

X  

MSP4458G Datasheet(PDF) 44 Page - Micronas

Part # MSP4458G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458G Datasheet(HTML) 44 Page - Micronas

Back Button MSP4458G Datasheet HTML 40Page - Micronas MSP4458G Datasheet HTML 41Page - Micronas MSP4458G Datasheet HTML 42Page - Micronas MSP4458G Datasheet HTML 43Page - Micronas MSP4458G Datasheet HTML 44Page - Micronas MSP4458G Datasheet HTML 45Page - Micronas MSP4458G Datasheet HTML 46Page - Micronas MSP4458G Datasheet HTML 47Page - Micronas MSP4458G Datasheet HTML 48Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
44
Micronas
Pins 71, 72 XTAL_IN, XTAL_OUT – Crystal Input and
Output Pins (Fig. 4–12)
These pins are connected to an 18.432 MHz crystal
oscillator which is digitally tuned by integrated capaci-
tances. An external clock can be fed into XTAL_IN
(leave XTAL_OUT vacant in this case). The audio
clock output signal AUD_CL_OUT is derived from the
oscillator. External capacitors at each crystal pin to
ground (AVSS) are required. It should be verified by
layout, that no supply current for the digital circuitry is
flowing through the ground connection point.
Pin 73, TP – This pin enables factory test modes. For
normal operation, it must be left vacant.
Pin 74, AUD_CL_OUT – Audio Clock Output
(Fig. 4–12)
This is the 18.432 MHz main clock output.
Pins 75, 76, NC – Pins not connected.
Pins 77, 78, D_CTR_I/O_1/0 – Digital Control Input/
Output Pins (Fig. 4–11)
These pins serve as general purpose input/output
pins. Pin D_CTR_I/O_1 can be used as an interrupt
request pin to the controller.
Pin 79, ADR_SEL – I2C Bus Address Select
(Fig. 4–10)
By means of this pin, one of three device addresses for
the MSP can be selected. The pin can be connected to
ground (I2C device addresses 80/81hex), to +5 V sup-
ply (84/85hex), or left open (88/89hex).
Pin 80, STANDBYQ – Stand-by
In normal operation, this pin must be High. If the MSP
is switched off by first pulling STANDBYQ low and then
(after >1
µs delay) switching off the 5 V, but keeping
the 8-V power supply (‘Stand-by’-mode), the SCART
switches maintain their position and function.
Pin -, I2S_DA_IN2/3
−I2S data input (see Fig. 4–9).
This
pin
is
connected
to
I2S_DA_IN2
and
I2S_DA_IN3. Not available for PQFP80-pin package.
* Application Note:
All ground pins should be connected to one low-resis-
tive ground plane.
All supply pins should be connected separately with
short and low-resistive lines to the power supply.
Decoupling capacitors from DVSUP to DVSS, AVSUP
to AVSS, and AHVSUP to AHVSS are recommended
as closely as possible to these pins. Decoupling of
DVSUP and DVSS is most important. We recommend
using more than one capacitor. By choosing different
values, the frequency range of active decoupling can
be extended. In our application boards we use: 220 pF,
470 pF, 1.5 nF, and 10
µF. The capacitor with the low-
est value should be placed nearest to the pins.
The ASG pins should be connected as closely as pos-
sible to the MSP ground. They are intended for leading
with the SCART signals as shield lines and should not
be connected to ground at the SCART-connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com