Electronic Components Datasheet Search
  English  ▼

X  

MSP4458G Datasheet(PDF) 75 Page - Micronas

Part # MSP4458G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458G Datasheet(HTML) 75 Page - Micronas

Back Button MSP4458G Datasheet HTML 71Page - Micronas MSP4458G Datasheet HTML 72Page - Micronas MSP4458G Datasheet HTML 73Page - Micronas MSP4458G Datasheet HTML 74Page - Micronas MSP4458G Datasheet HTML 75Page - Micronas MSP4458G Datasheet HTML 76Page - Micronas MSP4458G Datasheet HTML 77Page - Micronas MSP4458G Datasheet HTML 78Page - Micronas MSP4458G Datasheet HTML 79Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
75
The ERROR_RATE value of 700 corresponds to a
BER of approximately 5.46*10-3/s.
Individual configuration of the threshold can be done
using Table 6–5, whereby the bits [0] and [11] of
AUTO_FM are ignored. It is recommended to use the
internal setting used by the standard selection.
The optimum NICAM sound can be assigned to the
MSP output channels by selecting one of the “Stereo or
A/B”, “Stereo or A”, or “Stereo or B” source channels.
6.3.1.2. Function in Manual Mode
If the manual mode (MODUS[0]=0) is required, the
activation and configuration of the Automatic Switching
feature has to be done as described in Table 6–5.
Note, that the channel matrix of the corresponding out-
put
channels
must
be
set
according
to
the
NICAM mode and need not to be changed in the
FM/AM-fallback case.
Example:
Required threshold = 500: bits [10:1]=00 1111 1010
Table 6–5: Coding of Automatic NICAM/Analog Sound Switching;
Reset Status: Mode 0;
Automatic Sound Select is on (MODUS[0] = 1)
Mode
Description
AUTO_FM [11:0]
Addr. = 00 21hex
ERROR_RATE-
Threshold/dec
Source Select:
Input at NICAM Path1)
1
Automatic Switching with
internal threshold
(Default, if Automatic Sound
Select is on)
Bit[11]
= ignored
Bit[10:1] = 0
Bit[0]
= ignored
700
NICAM or FM/AM,
depending on
ERROR_RATE
2
Automatic Switching with
external threshold
(Customizing of Automatic
Sound Select)
Bit[11]
= ignored
Bit[10:1] = 25...1000
= threshold/2
Bit[0]
= ignored
set by customer;
recommended
range: 50...2000
1) The NICAM path may be assigned to “Stereo or A/B”, “Stereo or A”, or “Stereo or B” source channels
(see Table 2–2 on page 11).
Table 6–6: Coding of Automatic NICAM/Analog Sound Switching;
Reset Status: Mode 0;
Automatic Sound Select is off (MODUS[0] = 0)
Mode
Description
AUTO_FM [11:0]
Addr. = 00 21hex
ERROR_RATE-
Threshold/dec
Source Select:
Input at NICAM Path
0
Forced NICAM
(Automatic Switching disabled)
Bit[11]
= 0
Bit[10:1] = 0
Bit[0]
= 0
none
always NICAM; Mute in
case of no NICAM available
1
Automatic Switching with
internal threshold
(Default, if Automatic Sound
Select is on)
Bit[11]
= 0
Bit[10:1] = 0
Bit[0]
= 1
700
NICAM or FM/AM,
depending on
ERROR_RATE
2
Automatic Switching with
external threshold
(Customizing of Automatic
Sound Select)
Bit[11]
= 0
Bit[10:1] = 25...1000
= threshold/2
Bit[0]
= 1
set by customer;
recommended
range: 50...2000
3
Forced Analog Mono
(Automatic Switching disabled)
Bit[11]
= 1
Bit[10:1] = 0
Bit[0]
= 1
none
always FM/AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com