Electronic Components Datasheet Search
  English  ▼

X  

MSP4458G Datasheet(PDF) 61 Page - Micronas

Part # MSP4458G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458G Datasheet(HTML) 61 Page - Micronas

Back Button MSP4458G Datasheet HTML 57Page - Micronas MSP4458G Datasheet HTML 58Page - Micronas MSP4458G Datasheet HTML 59Page - Micronas MSP4458G Datasheet HTML 60Page - Micronas MSP4458G Datasheet HTML 61Page - Micronas MSP4458G Datasheet HTML 62Page - Micronas MSP4458G Datasheet HTML 63Page - Micronas MSP4458G Datasheet HTML 64Page - Micronas MSP4458G Datasheet HTML 65Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
61
Audio Analog-to-Digital-Converter
VAICL
Effective Analog Input Clipping
Level for Analog-to-Digital-
Conversion
(8-V Operation)
SCn_IN_s,1)
MONO_IN
2.00
2.25
VRMS
fsignal = 1 kHz
Effective Analog Input Clipping
Level for Analog-to-Digital-
Conversion
(5-V Operation)
1.13
1.51
VRMS
SCART Outputs
RoutSC
SCART Output Resistance
at Tj = 27 °C
from TA = 0 to 70 °C
SCn_OUT_s1)
200
200
330
460
500
Ω
Ω
fsignal = 1 kHz, I = 0.1 mA
dVOUTSC
Deviation of DC-Level at SCART
Output from AGNDC Voltage
−70
+70
mV
ASCtoSC
Gain from
Analog Input to SCART Output
SCn_IN_s,1)
MONO_IN
→
SCn_OUT_s1)
−1.0
+0.5
dB
fsignal = 1 kHz
frSCtoSC
Frequency Response from
Analog Input to SCART Output
(0 to 20000 Hz)
−0.5
+0.5
dB
with resp. to 1 kHz
VoutSC
Effective Signal Level at
SCART-Output during full-scale
Digital Input Signal from I2S
(8-V Operation)
SCn_OUT_s1)
1.8
1.9
2.0
VRMS
fsignal = 1 kHz
Effective Signal Level at
SCART-Output during full-scale
Digital Input Signal from I2S
(5-V Operation)
1.17
1.27
1.37
VRMS
Main and Aux Outputs
RoutMA
Main/Aux Output Resistance
at Tj = 27 °C
from TA = 0 to 70 °C
DACp_s1)
2.1
2.1
3.3
4.6
5.0
k
Ω
k
Ω
fsignal = 1 kHz, I = 0.1 mA
VoutDCMA
DC-Level at Main/Aux-Output
for Analog Volume at 0 dB
for Analog Volume at
−30 dB
(8-V Operation)
1.80
2.04
61
2.28
V
mV
DC-Level at Main/Aux-Output
for Analog Volume at 0 dB
for Analog Volume at
−30 dB
(5-V Operation)
1.12
1.36
40
1.60
V
mV
VoutMA
Effective Signal Level at Main/
Aux-Output during full-scale
Digital Input Signal from I2S
for Analog Volume at 0 dB
(8-V Operation)
1.23
1.37
1.51
VRMS
fsignal = 1 kHz
Effective Signal Level at Main/
Aux-Output during full-scale
Digital Input Signal from I2S
for Analog Volume at 0 dB
(5-V Operation)
0.76
0.90
1.04
VRMS
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”;
“p” means “M” or “A”
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com