Electronic Components Datasheet Search
  English  ▼

X  

MSP4458G Datasheet(PDF) 16 Page - Micronas

Part # MSP4458G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458G Datasheet(HTML) 16 Page - Micronas

Back Button MSP4458G Datasheet HTML 12Page - Micronas MSP4458G Datasheet HTML 13Page - Micronas MSP4458G Datasheet HTML 14Page - Micronas MSP4458G Datasheet HTML 15Page - Micronas MSP4458G Datasheet HTML 16Page - Micronas MSP4458G Datasheet HTML 17Page - Micronas MSP4458G Datasheet HTML 18Page - Micronas MSP4458G Datasheet HTML 19Page - Micronas MSP4458G Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
16
Micronas
3.1.2. Description of CONTROL Register
3.1.3. Protocol Description
Write to DSP or Demodulator
Read from DSP or Demodulator
Write to Control or Test Registers
Note: S =
I2C-Bus Start Condition from master
P =
I2C-Bus Stop Condition from master
ACK = Acknowledge-Bit: LOW on I2C_DA from slave (= MSP, light gray) or master (= controller, dark gray)
NAK = Not Acknowledge-Bit: HIGH on I2C_DA from master (dark gray) to indicate ‘End of Read’
or from MSP indicating internal error state
Wait = I2C-Clock line is held low, while the MSP is processing the I2C command.
Fig. 3–1: I2C bus protocol (MSB first; data must be stable while clock is high)
Table 3–3: CONTROL as a Write Register
Name
Subaddress
Bit[15] (MSB)
Bits[14:0]
CONTROL
00hex
1 : RESET
0 : normal
0
Table 3–4: CONTROL as a Read Register
Name
Subaddress
Bit[15] (MSB)
Bit[14]
Bits[13:0]
CONTROL
00hex
Reset status after last reading of CONTROL:
0 : no reset occured
1 : reset occured
Internal hardware status:
0 : no error occured
1 : internal error occured
not of interest
Reading of CONTROL will reset the bits[15,14] of CONTROL. After Power-on,
bit[15] of CONTROL will be set; it must be
read once to be reset.
Swrite
device
address
Wait
ACK sub-addr ACK addr-byte
high
ACK addr-byte
low
ACK data-byte-
high
ACK data-byte
low
ACK
P
Swrite
device
address
Wait
ACK sub-addr ACK addr-byte
high
ACK addr-byte
low
ACK
S
read
device
address
Wait
ACK data-byte-
high
ACK data-byte
low
NAK
P
Swrite
device
address
Wait
ACK sub-addr ACK data-byte
high
ACK data-byte
low
ACK
P
1
0
S
P
I2C_DA
I2C_CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com