Electronic Components Datasheet Search
  English  ▼

X  

MSP4458G Datasheet(PDF) 74 Page - Micronas

Part # MSP4458G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458G Datasheet(HTML) 74 Page - Micronas

Back Button MSP4458G Datasheet HTML 70Page - Micronas MSP4458G Datasheet HTML 71Page - Micronas MSP4458G Datasheet HTML 72Page - Micronas MSP4458G Datasheet HTML 73Page - Micronas MSP4458G Datasheet HTML 74Page - Micronas MSP4458G Datasheet HTML 75Page - Micronas MSP4458G Datasheet HTML 76Page - Micronas MSP4458G Datasheet HTML 77Page - Micronas MSP4458G Datasheet HTML 78Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
74
Micronas
6.2. DSP Write and Read Registers for Manual Mode
6.3. Manual Mode:
Description of Demodulator Write Registers
6.3.1. Automatic Switching between NICAM and
Analog Sound
In case of bad NICAM reception or loss of the
NICAM-carrier, the MSP 44x8G offers an Automatic
Switching (fall back) to the analog sound (FM/AM-
Mono), without the necessity of the controller reading
and evaluating any parameters. If a proper NICAM sig-
nal returns, switching back to this source is performed
automatically as well. The feature evaluates the NICAM
ERROR_RATE and switches, if necessary, all output
channels which are assigned to the NICAM source, to
the analog source, and vice versa.
An appropriate hysteresis algorithm avoids oscillating
effects (see Fig. 6–1). STATUS[9] and C_AD_BITS[11]
(Addr: 0023hex) provide information about the actual
NICAM-FM/AM-status.
Fig. 6–1: Hysteresis for automatic switching
6.3.1.1. Function in Automatic Sound Select Mode
The Automatic Sound Select feature (MODUS[0]=1)
includes the procedure mentioned above. By default, the
internal ERROR_RATE threshold is set to 700dec. i.e.:
–NICAM
→ analog sound if ERROR_RATE > 700
– analog sound
→ NICAM if ERROR_RATE < 700/2
Table 6–3: DSP-Write Registers; Subaddress: 12hex, all registers are readable as well
Write Register
Address
(hex)
Bits
Operational Modes and Adjustable Range
Reset
Mode
Page
Additional Channel Matrix Modes
00 08
00 09
00 0A
00 41
00 0B
00 0C
[7:0]
[SUM/DIFF, AB_XCHANGE, PHASE_CHANGE_B,
PHASE_CHANGE_A, A_ONLY, B_ONLY]
00hex
79
FM Fixed Deemphasis
00 0F
[15:8]
[OFF, 50
µs, 75 µs]
OFF
79
FM Adaptive Deemphasis
[7:0]
[OFF, WP1]
OFF
79
Identification Mode
00 15
[7:0]
[B/G, M]
B/G
79
Table 6–4: DSP Read Registers; Subaddress: 13hex, all registers are not writable
Additional Read Registers
Address
(hex)
Bits
Output Range
Page
Stereo detection register for
A2 Stereo Systems
00 18
[15:8]
[80hex ... 7Fhex]
8 bit two’s complement
80
DC level readout FM1/Ch2-L
00 1B
[15:0]
[8000hex ... 7FFFhex]
16 bit two’s complement
80
DC level readout FM2/Ch1-R
00 1C
[15:0]
[8000hex ... 7FFFhex]
16 bit two’s complement
80
ERROR_RATE
Selected Sound
NICAM
analog
Sound
threshold
threshold/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com