Electronic Components Datasheet Search
  English  ▼

X  

MSP4458G Datasheet(PDF) 80 Page - Micronas

Part # MSP4458G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4458G Datasheet(HTML) 80 Page - Micronas

Back Button MSP4458G Datasheet HTML 76Page - Micronas MSP4458G Datasheet HTML 77Page - Micronas MSP4458G Datasheet HTML 78Page - Micronas MSP4458G Datasheet HTML 79Page - Micronas MSP4458G Datasheet HTML 80Page - Micronas MSP4458G Datasheet HTML 81Page - Micronas MSP4458G Datasheet HTML 82Page - Micronas MSP4458G Datasheet HTML 83Page - Micronas MSP4458G Datasheet HTML 84Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
80
Micronas
6.6. Manual Mode:
Description of DSP Read Registers
All readable registers are 16-bit wide. Transmissions
via I2C bus have to take place in 16-bit words. Some of
the defined 16-bit words are divided into low and high
byte, thus holding two different control entities.
These registers are not writable.
6.6.1. Stereo Detection Register
for A2 Stereo Systems
Note: It is not necessary to read out and evaluate the
A2 identification level. All evaluation is performed in
the MSP and indicated in the STATUS register.
6.6.2. DC Level Register
The DC level register measures the DC component of
the incoming FM signals (FM1 and FM2). This can be
used for seek functions in satellite receivers and for IF
FM frequencies fine tuning. If the DCO frequency is
lower than the actuel carrier frequency, the resulting
DC level will be positive, an dvia versa. In the audio
signal the DC content is suppressed. The time con-
stant
τ, defining the transition time of the DC Level
Register, is approximately 28 ms.
6.7. Demodulator Source Channels in Manual Mode
6.7.1. Terrestrial Sound Standards
Table 6–11 shows the source channel assignment of
the demodulated signals in case of manual mode for
all terrestrial sound standards. See Table 2–2 for the
assignment in the Automatic Sound Select mode. In
manual mode for terrestrial sound standards, only two
demodulator sources are defined.
6.7.2. SAT Sound Standards
Table 6–12 shows the source channel assignment of
the demodulated signals for SAT sound standards.
Stereo Detection
Register
00 18hex
H
Stereo Mode
Reading
(two’s complement)
MONO
near zero
STEREO
positive value (ideal
reception: 7Fhex)
BILINGUAL
negative value (ideal
reception: 80hex)
DC Level Readout
FM1 (MSP-Ch2)
00 1Bhex
H
+L
DC Level Readout
FM2 (MSP-Ch1)
00 1Chex
H
+L
DC Level
[8000hex ... 7FFFhex]
values are 16 bit two’s
complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com