Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 224 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 224 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 220Page - National Semiconductor (TI) PC87591E Datasheet HTML 221Page - National Semiconductor (TI) PC87591E Datasheet HTML 222Page - National Semiconductor (TI) PC87591E Datasheet HTML 223Page - National Semiconductor (TI) PC87591E Datasheet HTML 224Page - National Semiconductor (TI) PC87591E Datasheet HTML 225Page - National Semiconductor (TI) PC87591E Datasheet HTML 226Page - National Semiconductor (TI) PC87591E Datasheet HTML 227Page - National Semiconductor (TI) PC87591E Datasheet HTML 228Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
224
Revision 1.07
Pipelined Programing Cycles
Pipelined programing uses a word-wide double-buffer (for Main Block accesses) or a byte-wide double-buffer (for Informa-
tion Block accesses). Accesses should be word-wide or byte-wide, correspondingly; otherwise, results are undefined.
When the double-buffer is empty, the pipelined programing is initiated on a valid byte/word write to the on-chip flash. The
address of the transaction is the starting address. The Flash Timing Control automatically increments the address for the
next write to point to the next byte/word.
Pipelined programing is completed when the double-buffer is empty or on reaching the highest address within the row. On
completion, the busy indicator is turned off, any data in the double-buffer is discarded, an error indicator is turned on if an
error is detected, and the on-chip flash returns to standby.
Results are undefined when Main Block and Information Block accesses are interleaved while the double-buffer is not empty.
Low Power Read Operation Mode
The PC87591x supports low power read operation for the on-chip flash. When this is enabled (see “Flash Memory Control
Register (FLCR)” on page 230), single core bus cycle read accesses consume less power. Low power operation may be
enabled only when the core clock is below the following limit:
●
Below FMAX for Sections 0 and 1 controlled by LOWPWRF bit
4.16.4 Flash Access and Control
The flash may be accessed for read, program and erase of data in either the Main Block or Information Block. This section
describes the activities required to enable any of the operations from each of the access paths (Core, Host, JTAG).
Before an access path to the flash may be used, the PC87591x must be in a state that enables that path:
●
Core and Host Interface - Active in IRE, OBD or DEV environment (Information Block only for DEV environment).
For host write operations, the host must gain control of the flash (HLOCK bit in SMCCST register must be set).
Any access (read or write) protection may override the requested access.
●
JTAG Interface - OBD or DEV environments with the JTAG Flash interface enabled.
Section 4.19 on page 248 provides details of the JTAG flash access. Section 4.16.5 on page 226 provides details of the
PROG environment bus. For all interfaces, read, program and erase protection flags may prevent the operations described
from being completed.
Note that during Erase and Program of the flash, an access to the flash is handled as follows:
●
Core read is delayed to the end of the read.
●
Core write to the Main Block or Information Block is ignored.
●
Core write to IBAI register is ignored.
●
Host reads or writes are ignored by the Flash interface and restarted by the host once the flash program/erase is
completed.
If core activity is required during flash program or erase, make sure it executes from RAM or external memory before the
flash erase/programing begins.
Main Block Read
When the flash is not busy, read operations return the data in the accessed on-chip flash address. Either byte or word may
be read.
The SZCFG1 register defines the number of core bus cycles used to access Base Memory (see Section 4.1.11 on page 86
and “Static Zone Configuration Register (SZCFGn)” on page 85 for further details). The number of cycles that each access
requires, for each one of the zones, is defined in “Flash Read, Write and Erase Time” on page 222.
If the BIU configuration is identical in all environments, the access time to the on-chip flash Main Block and off-chip Base
Memory, for read operations, is the same. This allows cycle-by-cycle compatibility in IRE, OBD and DEV operating environ-
ments.
Information Block Read
Information Block data is read using an indirect access scheme. This information may be read by the core, through the JTAG
Interface or the Parallel Interface.
The core accesses the Information Block using indirect byte/word read access. To read from the Information Block:
●
The byte or word address must be stored in IBAI register (note that Information Block addresses are mapped from
000 as shown in Table 31 on page 221).; word addresses must be even.
●
Data byte/words must be read using a byte/word read operation from BD register.
The JTAG performs a read operation with an Information Block address attribute set. Only word read is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com