Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 227 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 227 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 223Page - National Semiconductor (TI) PC87591E Datasheet HTML 224Page - National Semiconductor (TI) PC87591E Datasheet HTML 225Page - National Semiconductor (TI) PC87591E Datasheet HTML 226Page - National Semiconductor (TI) PC87591E Datasheet HTML 227Page - National Semiconductor (TI) PC87591E Datasheet HTML 228Page - National Semiconductor (TI) PC87591E Datasheet HTML 229Page - National Semiconductor (TI) PC87591E Datasheet HTML 230Page - National Semiconductor (TI) PC87591E Datasheet HTML 231Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
227
www.national.com
The protection word is read by hardware from the Information Block during the internal reset process. This information is
used to set the host access restrictions described in Section 5.3.5 on page 301, the core access restrictions defined in this
section, and the JTAG access protection described in OBD and PROG environment access restrictions; see Table 30 on
page 221.
There is no protection over the core’s reading the flash contents. Writes to a write-protected page are ignored. When en-
abled, a core interrupt may be generated on write-protect violations.
Core-Initiated Accesses
There is no read protection on core-initiated read accesses. Write protection is provided with default settings and firmware
override as follows:
●
Main memory block - per 8 Kbyte block
●
Information Block Factory parameters and protection word are always write protected
This protection is defined using FCWP0 register. All blocks are defined as write protected on reset. The blocks within the
Core Boot Block and Host Boot Block are read only (RO) to prevent accidental alteration of their contents by the core.
Special Erase state is not supported for core-initiated accesses.
Host-Initiated Accesses
Host access to the flash Main Block is controlled by the information in the protection word and is controlled and further re-
stricted by the core. Section 5.3.5 on page 301 details the host access limitations. The host may not access the Information
Block.
5
RTC Lock Default. Defines the reset value of the Lock RTC Host Access (LKRTCHA) bit in the Lock SuperI/O
Host Access register (LKSIOHA). This enables preventing host access to the RTC at any time when the RTC is
used by security applications running on the core.
0: RTC Lock is disabled on reset (LKRTCHA=0)
1: RTC Lock is enabled on reset (LKRTCHA=1) (default)
6
Force MBTA Zero. Enables the setting of the host boot block location to either end of on-chip flash or to the
expansion memory1. See “Shared Memory Core Top Address Register (SMCTA)” on page 308.
0: MBSD field in SMCTA register is reset to the implemented on-chip flash size
1: MBSD field in SMCTA register is reset to 000016 (default)
9-7
Flash Contents Protect. Enables protecting the contents of the on-chip flash from probing through the JTAG
interface or Parallel interface.
Bits
9 8 7
Description
1 1 1:
Flash access is enabled for both read and write
Other:
Flash access is protected. In any environment other than IRE, the device remains reset.
In OBD and DEV environments, only
special erase through the JTAG interface is enabled.
12-10 Reserved.
14-13 RST2EN (RESET2 Enable). Controls the use of the RESET2 alternate function. The following options are
supported in the PC87591x:
Bits
15 14 Description
0 0:
Reserved
0 1:
RESET2 is enabled on the IOPB7/RING/PFAIL/RESET2 pin
1 0:
RESET2 is enabled on the IOPD2/EXWINT24/RESET2 pin
1 1:
RESET2 input is disabled, and RESET2 events will not be generated (default)
15
Reserved.
1. When expansion memory is used for a shared BIOS implementation, set the Force MBTA Zero bit to 0, do not
clear the Host Boot Block bit, and use a flash device with a boot block as expansion memory.
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com