Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 243 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 243 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 239Page - National Semiconductor (TI) PC87591E Datasheet HTML 240Page - National Semiconductor (TI) PC87591E Datasheet HTML 241Page - National Semiconductor (TI) PC87591E Datasheet HTML 242Page - National Semiconductor (TI) PC87591E Datasheet HTML 243Page - National Semiconductor (TI) PC87591E Datasheet HTML 244Page - National Semiconductor (TI) PC87591E Datasheet HTML 245Page - National Semiconductor (TI) PC87591E Datasheet HTML 246Page - National Semiconductor (TI) PC87591E Datasheet HTML 247Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
243
www.national.com
When transitioning from SuperI/O Enabled PMC Enabled state, there may be a transition period in which the core domain
clock is still toggling according to the setting in SuperI/O Enabled PMC Enabled state. This occurs until software method 1
is performed by the interrupt handler of the SuperI/O Disabled event.
Transition to SuperI/O Enabled PMC Disabled State
●
OSCCLK defaults to 96 MHz
●
The host domain clock is enabled and starts toggling as soon as the frequency multiplier has stabilized
●
The core domain clock is disabled (low)
Transition to SuperI/O Enabled PMC Enabled State
●
When transitioning from SuperI/O Enabled PMC Disabled state:
— OSCCLK defaults to 96 MHz
— The pre-scaler is set according to HFCGP
●
When transitioning from PMC Enabled SuperI/O Disabled state:
— Software sets OSCCLK and the pre-scaler by the LOAD96 or FAST96 command (software method 2)
●
The host domain clock is enabled and starts toggling as soon as the frequency multiplier has stabilized
●
The core domain clock is enabled and starts toggling as soon as the frequency multiplier has stabilized
When transitioning from PMC Enabled SuperI/O Disabled state, there may be a transition period in which the core domain
clock is still toggling according to the setting in PMC Enabled SuperI/O Disabled state. This occurs until software method 2
is performed by the interrupt handler of the SuperI/O Enabled event. During this transition period, the host domain clock is
still disabled.
4.18.6 48 MHz Clock Monitor
While in one of the SuperI/O Enabled states, a WATCHDOG reset or Debugger Interface reset does not interfere with the
operation of the SuperI/O. Thus, if the 48 MHz clock is correctly toggling, it is not interfered with. Toggling is monitored by
the 48 MHz clock monitor. If a violation is detected, the 48 MHz monitor error flag is set and the HFCG goes through a com-
plete reset, after which it is put into PMC Enabled SuperI/O Disabled state, ignoring the host domain enable signal.
The 48 MHz clock monitor is initiated when a WATCHDOG reset or Debugger Interface reset occurs while the HFCG is in
a SuperI/O Enabled state. The monitor checks that the host domain clock frequency is in the range of 48 MHz
±1%.
If the host domain clock frequency is in the correct range, the HFCG continues generating the 96 MHz OSCCLK, but the
programmable pre-scaler is set to a default of divide by 24. The HFCG is in SuperI/O Enabled PMC Enabled state.
The core reset routine is responsible for switching to SuperI/O Enabled PMC Enabled state and/or communicating the failure
to the host software.
4.18.7 HFCG Registers
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
HFCG Register Map
Mnemonic
Register Name
Type
HFCGCTRL1
HFCG Control 1
Varies per bit
HFCGML
M Low Byte Value
R/W
HFCGMH
M High Byte Value
R/W
HFCGN
N Value
R/W
HFCGIL
I Low Byte Value
R/W
HFCGIH
I High Byte Value
R/W
HFCGP
HFCG Pre-Scaler
R/W
HFCGCTRL2
HFCG Control 2
Varies per bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com