Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 244 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 244 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 240Page - National Semiconductor (TI) PC87591E Datasheet HTML 241Page - National Semiconductor (TI) PC87591E Datasheet HTML 242Page - National Semiconductor (TI) PC87591E Datasheet HTML 243Page - National Semiconductor (TI) PC87591E Datasheet HTML 244Page - National Semiconductor (TI) PC87591E Datasheet HTML 245Page - National Semiconductor (TI) PC87591E Datasheet HTML 246Page - National Semiconductor (TI) PC87591E Datasheet HTML 247Page - National Semiconductor (TI) PC87591E Datasheet HTML 248Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
244
Revision 1.07
HFCG Control Register 1 (HFCGCTRL1)
The HFCGCTRL1 register sets the frequency multiplier’s operating parameters. On VCC power-up, WATCHDOG reset and
Debugger Interface reset, it is initialized to 0C16.
Location: 00 FFA016
Type: Varies per bit
Bit
76543210
Name
Reserved
FAST96
LOAD96
IVLID
OHFC
PENABLE
FAST
LOAD
Reset
00001100
Bit
Type
Description
0WO
LOAD (Load M and N Values). Write 1 to this bit to perform a normal frequency change by loading
the HFCGML, HFCGMH and HFCGN buffer data to the frequency multiplier. The pre-scaler is
automatically set to a divide by 1. The bit always reads back 0. Results are undefined when more than
one of the following bits is written with 1 at the same time: LOAD, FAST, LOAD96, FAST96.
1WO
FAST (Load M, N and I Values). Write 1 to this bit to perform a fast frequency change by loading the
HFCGML, HFCGMH, HFCGN, HFCGIH and HFCGIL input buffer data in the frequency multiplier. The
pre-scaler is automatically set to a divide by 1. The bit always reads back 0. Results are undefined when
more than one of the following bits is written with 1 at the same time: LOAD, FAST, LOAD96, FAST96.
2RO
PMC ENABLE (Enable Core Domain Clock). Provides the status of the PMC enable/disable
command. Any data written to this bit is ignored.
0: Disabled
1: Enabled
3RO
OHFC (Output Clock Status). Indicates when the HFCG is oscillating and produces a stable clock.
Any data written to this bit is ignored.
0: Not oscillating
1: Oscillating with stable output
4RO
IVLID (I Value Valid).
0: Data read is invalid; repeat HFCGIL register read operation
1: Data read is valid; HFCGIH can be read
5WO
LOAD96 (Load M and N Values for 96 MHz). Write 1 to this bit to perform normal locking on 96 MHz
frequency by loading the hardwired variables M and N to the frequency multiplier. The pre-scaler is set
according to the value held in HFCGP register. The bit always reads back 0. Results are undefined
when more than one of the following bits is written with 1 at the same time: LOAD, FAST, LOAD96,
FAST96.
6WO
FAST96 (Load M, N and I Values for 96 MHz). Write 1 to this bit to perform fast locking on 96 MHz
frequency by loading the hardwired variables M and N and registers HFCGIH and HFCGIL to the
frequency multiplier. The pre-scaler is set according to the value held in HFCGP register. The bit
always reads back 0. Results are undefined results when more than one of the following bits is written
with 1 at the same time: LOAD, FAST, LOAD96, FAST96.
7
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com