Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 262 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 262 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 258Page - National Semiconductor (TI) PC87591E Datasheet HTML 259Page - National Semiconductor (TI) PC87591E Datasheet HTML 260Page - National Semiconductor (TI) PC87591E Datasheet HTML 261Page - National Semiconductor (TI) PC87591E Datasheet HTML 262Page - National Semiconductor (TI) PC87591E Datasheet HTML 263Page - National Semiconductor (TI) PC87591E Datasheet HTML 264Page - National Semiconductor (TI) PC87591E Datasheet HTML 265Page - National Semiconductor (TI) PC87591E Datasheet HTML 266Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
262
Revision 1.07
4.19.8 TAP Data Registers, Flash Interface
This section describes the flash interface registers available to the host through the flash interface. The bit ordering is as
described in “TAP Data Registers, Debugger Interface” on page 260.
Flash Control and Status Register (FL_CT_ST)
FL_CT_ST is a shift register that enables reading from the Flash Status register and writing to the Flash Control register.
The Flash Status register is read in Capture-DR state; the Flash Control register is updated in Update-DR state. The con-
nection of the register to the serial chain is shown in Figure 87. The Control and Status registers are reset at Power-Up and
TAP resets only.
Flash Status
Type: Varies per bit
Bit
76543210
Name
FMPRGE
BLFF
FLAEN
FMDERR
FMBFULL
FMBUSY
FMPERR
FMEERR
Reset
00000100
Bit
15
14
13
12
11
10
9
8
Name
JTFIE
DISVRF
Reserved
FMSPERE
FMSERE
FMPERE
Reset
00000000
Bit
Type
Description
0
R/W1C FMEERR (Flash Memory Erase Error). Indicates an error in erasing to the flash. It is cleared by
writing 1 to FMEERR bit in the Control register. This bit may be cleared only when FMBUSY bit is
cleared (0).
0: No program error detected (default)
1: An error occurred during erase
This bit may be cleared only when FMBUSY bit is cleared (0).
1
R/W1C FMPERR (Flash Memory Program Error). Indicates an error in writing to the flash. It is cleared by
writing 1 to FMPERR bit in the Control register. This bit may be cleared only when FMBUSY bit is
cleared (0).
0: No program error detected (default)
1: An error occurred during program
2RO
FMBUSY (Flash Memory Busy).
0: The embedded flash is ready to accept operations if no error flag is set
1: The embedded flash is not accessible because the PC87591x clocks are not ready or the embedded
flash is busy programing or erasing
3RO
FMBFULL (Flash Double-Buffer Full).
0: There is at least one empty word in the flash double buffer
1: The double-buffer is full
Figure 87. Flash Control and Status Register
15
0
TDI
TDO
Flash Control Status
15
0
FL_CR_ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com