Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 263 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 263 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 259Page - National Semiconductor (TI) PC87591E Datasheet HTML 260Page - National Semiconductor (TI) PC87591E Datasheet HTML 261Page - National Semiconductor (TI) PC87591E Datasheet HTML 262Page - National Semiconductor (TI) PC87591E Datasheet HTML 263Page - National Semiconductor (TI) PC87591E Datasheet HTML 264Page - National Semiconductor (TI) PC87591E Datasheet HTML 265Page - National Semiconductor (TI) PC87591E Datasheet HTML 266Page - National Semiconductor (TI) PC87591E Datasheet HTML 267Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
263
www.national.com
Flash Identification Register (FL_ID)
FL_ID is a shift register that contains device identification information. This information can help to verify the use of the cor-
rect flash programing algorithm and to match downloaded information to the device properties.
Type: Read Only
4
R/W1C FMDERR (Flash Data Loss Error). Indicates that a double-buffer overrun error occurred. The bit is cleared
by writing 1 to FMDERR bit in Control register. It may be cleared only when FMBUSY bit is cleared (0).
0: No data loss detected (default)
1: A write to a full buffer was detected
5RO
FLAEN (Flash Access Enabled).
0: The flash memory protection is set; read, write and erase (except special erase) are disabled
1: The flash memory access through the JTAG serial bus is enabled
6RO
BLFF (Blank Flash Flag).
0: The Blank Flash flag is cleared and the core is allowed to execute from it
1: The Blank Flash flag is set and the core is kept in reset, even when flash access is enabled
7
R/W
FMPRGE (Flash Memory Program Enable).
0: Programing the flash memory using JTAG write instructions is disabled (default)
1: Programing the flash memory using JTAG write instructions is enabled
8
R/W
FFMPERE (Flash Memory Page Erase Enable).
0: Flash page erase disabled (default)
1: Flash page erase using the JTAG Erase instruction is enabled
9
R/W
FMSERE (Flash Memory Sector Erase Enable).
0: Flash sector erase disabled (default)
1: Flash sector erase using the JTAG Erase instruction is enabled
10
R/W
FMSPERE (Flash Memory Special Erase Enable).
0: Flash special erase operation disabled (default)
1: Flash special erase operation using the JTAG Erase instructions is enabled
13-11
Reserved.
14
R/W
DISVRF (Disable Verify).
0:
Enables verification of flash contents after program or erase (default)
1:
Disables the automatic verification of flash contents after program or erase;
this speeds up the program or erase speed.
15
R/W
JTFIE (JTAG To Flash Interface Enabled).
0: Flash access through the JTAG is disabled. Write of 1 to any other bit in this register is ignored, all
error flags are cleared, and all other JTAG access flash transactions are ignored (i.e., Capture-DR re-
turns invalid data, Update-DR is ignored) (default).
1: Interface to the flash through the JTAG is enabled
Bit
31 30 29 28 27 26 25 24 23 2 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Name
Reserved
SRID
SID
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ID values
Bit
Type
Description
Figure 88. Flash Identification Register
32
0
TDI
TDO
SID
70
FL_ID
SRID
70
15
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com