Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 267 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 267 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 263Page - National Semiconductor (TI) PC87591E Datasheet HTML 264Page - National Semiconductor (TI) PC87591E Datasheet HTML 265Page - National Semiconductor (TI) PC87591E Datasheet HTML 266Page - National Semiconductor (TI) PC87591E Datasheet HTML 267Page - National Semiconductor (TI) PC87591E Datasheet HTML 268Page - National Semiconductor (TI) PC87591E Datasheet HTML 269Page - National Semiconductor (TI) PC87591E Datasheet HTML 270Page - National Semiconductor (TI) PC87591E Datasheet HTML 271Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
267
www.national.com
4.19.9 Core Registers, Debugger Interface
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
Core Register Map
Debug Receive Data Registers 0, 2, 4, 6, 8, 10, 12 and 14 (DBGRXD0-14)
DBGRXD0 to DBGRXD14 is a group of eight word-wide read-only registers. The DBGRXD0-14 registers are written from
the JTAG serial bus. They can only be read from the peripheral bus. A representative DBGRXDi register is shown below.
Location: Channel 0 - 00 FDC016
Channel 2 - 00 FDC216
Channel 4 - 00 FDC416
Channel 6 - 00 FDC616
Channel 8 - 00 FDC816
Channel 10 - 00 FDCA16
Channel 12 - 00 FDCC16
Channel 14 - 00 FDCE16
Type: RO
Mnemonic
Register Name
Type
DBGRXD0-14
Debug Receive Data Registers 0, 2, 4, 6, 8, 10, 12 and 14
RO
DBGRXST
Debug Receive Status Register
Varies per bit
DBGTXD0-14
Debug Transmit Data Registers 0, 2, 4, 6, 8, 10, 12 and 14
R/W
DBGTXLOC
Debug Transmit Lock Register
R/W
DBGTXST
Debug Transmit Status Register
R/W
DBGTINT
Debug TINT Assert Register
WO
DBGABORT
Debug Abort Generate Register
WO
DBGISESRCA
Debug ISE Source Register A
R/W
Bit
15
14
13
12
11
10
9876543210
Name
RX_DATAi
Bit
Description
15-0
Receive Data (RX_DATA). Data bits 16*i through 16*i+15 of the Rx data link data buffer.
15
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com