Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 270 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 270 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 266Page - National Semiconductor (TI) PC87591E Datasheet HTML 267Page - National Semiconductor (TI) PC87591E Datasheet HTML 268Page - National Semiconductor (TI) PC87591E Datasheet HTML 269Page - National Semiconductor (TI) PC87591E Datasheet HTML 270Page - National Semiconductor (TI) PC87591E Datasheet HTML 271Page - National Semiconductor (TI) PC87591E Datasheet HTML 272Page - National Semiconductor (TI) PC87591E Datasheet HTML 273Page - National Semiconductor (TI) PC87591E Datasheet HTML 274Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
270
Revision 1.07
Debug TINT Assert Register (DBGTINT)
This is a byte-wide write-only register used to assert TINT. The register format is shown below.
Location: 00 FDE616
Type: WO
Debug Abort Generate Register (DBGABORT)
DBGABORT is a word-wide write-only register, used to generate an ABORT. A processor may generate an ABORT to a
processor with a PID index of i by modifying its P_i bit to 1. Writing 0 to P_i does not result in ISE assertion. The register
format is shown below.
Location: 00 FDE816
Type: WO
Bit
76543210
Name
Reserved
ASSERT
Bit
Description
0
ASSERT (Assert TINT Control). Writing 1 to this bit asserts the TINT output. TINT is de-asserted during
Update_DR state of SCAN_TX or during Power-Up reset.
7-1
Reserved.
Bit
15
14
13
12
11
10
9876543210
Name
Reserved
Res
Res
Res
Res
Res
Res
Res
P_0
Bit
Type
Description
0WO
P_0. The ABORT source activation.
0: Processor ID i does not get an ABORT
1: Processor ID i gets an ABORT
15-1
Reserved. Reserved for future expansion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com