Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 269 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 269 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 265Page - National Semiconductor (TI) PC87591E Datasheet HTML 266Page - National Semiconductor (TI) PC87591E Datasheet HTML 267Page - National Semiconductor (TI) PC87591E Datasheet HTML 268Page - National Semiconductor (TI) PC87591E Datasheet HTML 269Page - National Semiconductor (TI) PC87591E Datasheet HTML 270Page - National Semiconductor (TI) PC87591E Datasheet HTML 271Page - National Semiconductor (TI) PC87591E Datasheet HTML 272Page - National Semiconductor (TI) PC87591E Datasheet HTML 273Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
269
www.national.com
Debug Transmit Lock Register (DBGTXLOC)
DBGTXLOC is a byte-wide read/write register. The PID field of this register is used as a semaphore for locking the Tx chan-
nel for a specific processor. If TINT is not active (1), this register is loaded with F16 on Warm or Internal reset. If TINT is
active (0), it is not affected by a Warm or Internal reset. At Power-Up reset, the register is always loaded with 0F16. The
register format is shown below.
Location: 00 FDE416
Type: R/W
Debug Transmit Status Register (DBGTXST)
DBGTXST is a byte-wide read/write register. This register is written by a processor to indicate the message length, which is
used by the Tx data link to set the length of the serial shift register and by the processor software to define the message
length parameter. While TINT is inactive, this register may be written to at any time. While TINT is active, the contents of
this register are locked and can be read by the host via the TAP controller status word MSG_LEN field. While TINT is inac-
tive, DBGTXST is cleared on reset. While TINT is active, only Power-Up reset clears DBGTXST. The register format is
shown below.
Location: 00 FDE216
Type: R/W
Bit
76543210
Name
Reserved
PID
Reset
0
0
001111
Bit
Description
3-0
PID (Processor Index). Indicates which processor currently has control over the Tx channel. When TINT
becomes active, the value of PID is locked. On the Update_DR state of SCAN_TX instruction, PID is reset to
F16 after the host reads the data.
016-E16: Processor ID index. When the PID field holds any of these values, write operations of values other
than F16 are ignored.
F16:
Semaphore free indication. When the PID field holds this value, write operations may capture the Tx
for processor use.
7-4
Reserved.
Bit
76543210
Name
Reserved
MSG_LEN
Bit
00000000
Bit
Description
2-0
MSG_LEN (Message Length). The number of words in a message equals (MSG_LEN+1).
7-3
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com