Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 280 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 280 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 276Page - National Semiconductor (TI) PC87591E Datasheet HTML 277Page - National Semiconductor (TI) PC87591E Datasheet HTML 278Page - National Semiconductor (TI) PC87591E Datasheet HTML 279Page - National Semiconductor (TI) PC87591E Datasheet HTML 280Page - National Semiconductor (TI) PC87591E Datasheet HTML 281Page - National Semiconductor (TI) PC87591E Datasheet HTML 282Page - National Semiconductor (TI) PC87591E Datasheet HTML 283Page - National Semiconductor (TI) PC87591E Datasheet HTML 284Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 437 page
background image
5.0 Host Controller Interface Modules (Continued)
www.national.com
280
Revision 1.07
The host processor identifies that data is present in the output buffer by either polling the Status register (reading address
6416) or responding to IRQ1 or IRQ12. When this data is available, the host can read it using a read operation from address
6016. Reading from address 6016 clears the OBF flag. In addition, when the host interrupt is in level mode (IRQM in HIIRQC
register is set to 0002) and the hardware interrupt is enabled, IRQ1 or IRQ12 are de-asserted (low if IRQNPOL in HIIRQC
register is set to 0).
The core can read OBF bit to identify when the output buffer is empty and ready for a new data transfer. When the Output
Buffer Empty interrupt to the core is enabled (OBECIE in HICTRL register is set to 1), the interrupt signal to the ICU is set
high if the output buffer is empty (OBF=0).
5.1.3
Host Interface Registers
The module has four registers, described below. The base address for each may be configured individually. For legacy op-
eration, they should be configured to 6016 and 6416 (see Section 6.1.10 on page 348).
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
Host Interface Register Map
Data Out Buffer Register (DBBOUT, Legacy 6016)
This register allows the host to read DBBOUT register while clearing OBF bit in the Status register. If the host interrupts are
level (IRQM in HIIRQC register is 0002), the interrupt is de-asserted. If the core interrupt on output buffer empty is enabled
(OBECIE in HICTRL register is set to 1), reading this register asserts it (high).
Location: As defined in LDN 0616 registers, index 6016 and 6116
Type: R
Offset
Mnemonic
Register Name
Type
6016
DBBOUT
Data Out Buffer
R
6416
STATUS
Status
R
6016
DBBIN
Data In Buffer
W
6416
COMAND
Command In Buffer
W
Bit
76543210
Name
Keyboard/Mouse DBBOUT Data
Bit
Description
7-0
Keyboard/Mouse DBBOUT Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com