Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 283 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 283 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 279Page - National Semiconductor (TI) PC87591E Datasheet HTML 280Page - National Semiconductor (TI) PC87591E Datasheet HTML 281Page - National Semiconductor (TI) PC87591E Datasheet HTML 282Page - National Semiconductor (TI) PC87591E Datasheet HTML 283Page - National Semiconductor (TI) PC87591E Datasheet HTML 284Page - National Semiconductor (TI) PC87591E Datasheet HTML 285Page - National Semiconductor (TI) PC87591E Datasheet HTML 286Page - National Semiconductor (TI) PC87591E Datasheet HTML 287Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 437 page
background image
5.0 Host Controller Interface Modules (Continued)
Revision 1.07
283
www.national.com
Host Interface IRQ Control Register (HIIRQC)
The HIIRQC register controls the IRQ signals mode of operation. On reset, HIIRQC is set to 0716.
Location: 00 FEA216
Type: R/W
5
PMOCIE (PM Channel 1 Output Buffer Empty Core Interrupt Enable).
0: Interrupt signal is low
1: Enables the PM Output Buffer Empty interrupt to the core ICU for PM channel 1 in PC87570 Compatible mode.
The interrupt signal is active when the output buffer is empty (OBF bit is cleared in the PM channel status reg-
ister).
6
PMICIE (PM Channel 1 Input Buffer Full Core Interrupt Enable).
0: Interrupt signal is low
1: Enables the PM input buffer full interrupt to the core ICU for PM channel 1 in PC87570 Compatible mode. The
interrupt signal is active when the input buffer is full (IBF bit is set in the PM channel status register).
7
Reserved.
Bit
76543210
Name
Reserved
IRQNPOL
IRQM
IRQ11B
IRQ12B
IRQ1B
Reset
00000111
Bit
Description
0
IRQ1B (Host Interrupt Request 1 Control Bit). When the IRQ1 signal is configured for direct control by the
firmware (OBFKIE in HICTRL register is 0), IRQ1B bit is output to the IRQ1 signal. When read, IRQ1B bit
returns the current value of the IRQ1 pin. The IRQ1 signal value an be read regardless of the state of OBFKIE
bit.
1
IRQ12B (Host Interrupt Request 12 Control Bit). When the IRQ12 signal is configured for direct control by the
firmware (OBFMIE in HICTRL register is 0), IRQ12B bit is output to the IRQ12 signal. When read, IRQ12B bit
returns the current value of the IRQ12 pin. The IRQ12 signal value can be read regardless of the state of the
OBFMIE bit.
2
IRQ11B (Host Interrupt Request 11 Control Bit). When PM channel 1 is in PC87570 Compatible mode and
its host interrupt is configured for direct control by the firmware (PMHIE in HICTRL register is 0), IRQ11B bit is
output to the IRQ11 signal. When read, IRQ11B bit returns the current value of the IRQ11 signal. The IRQ11
signal value can be read regardless of the state of PMHIE bit; see Section 5.2 on page 285 for details about the
PM channel 1 interrupt scheme.
5-3
IRQM (IRQ Mode). Sets the hardware-controlled IRQ signals to work in Level or Pulse mode and defines the
pulse width in Pulse mode.
When IRQM = 0002, the IRQ signals function in Level mode. In this mode, when IRQNPOL = 0, the signal’s
default value is low, and a high level is set to issue an interrupt (the respective OBF is set).
When IRQM
≠ 0, the host interrupts are in Pulse mode. When IRQNPOL = 0, the signal’s default value is high
and toggles low to issue an interrupt (i.e., when the respective output buffer register is written). The pulse width
is as follows:
Bits
5 4 3
Pulse Width
0 0 0:
Level Interrupt
0 0 1:
1-Cycle Pulse
0 1 0:
2-Cycle Pulse
0 1 1:
4-Cycle Pulse
1 0 0:
8-Cycle Pulse
1 0 1:
16-Cycle Pulse
Other:
Reserved
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com