Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 307 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 307 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 303Page - National Semiconductor (TI) PC87591E Datasheet HTML 304Page - National Semiconductor (TI) PC87591E Datasheet HTML 305Page - National Semiconductor (TI) PC87591E Datasheet HTML 306Page - National Semiconductor (TI) PC87591E Datasheet HTML 307Page - National Semiconductor (TI) PC87591E Datasheet HTML 308Page - National Semiconductor (TI) PC87591E Datasheet HTML 309Page - National Semiconductor (TI) PC87591E Datasheet HTML 310Page - National Semiconductor (TI) PC87591E Datasheet HTML 311Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 437 page
background image
Host Controller Interface Modules (Continued)
Revision 1.07
307
www.national.com
5.3.9
Shared Memory Core Registers
The following set of registers is accessible only by the core. These registers are maintained by VCC.
For a summary of the abbreviations used for Register Type, see Section 2 on page 34.
Shared Memory Core Register Map
Shared Memory Core Control and Status Register (SMCCST)
This register provides control and status of read/write from/to a restricted address. The register is cleared (0016) on reset.
Location: 00 F90016
Type: R/W
Bit
76543
2
1
0
Name
CSEM3
CSEM2
CSEM1
CSEM0
HSEM3
HSEM2
HSEM1
HSEM0
Reset
0
0
0
0
0
0
0
0
Bit
Type
Description
3-0
R/W HSEM3-0. Four bits that may be updated by the host and read by both the host and the core.
7-4
RO
CSEM3-0. Four bits that may be updated by the core and read by both the host and the core.
Mnemonic
Register Name
Type
SMCCST
Shared Memory Core Control and Status
R/W
SMCTA
Shared Memory Core Top Address
RO in IRE and OBD environments;
R/W in DEV environment
SMHSEM
Shared Memory Host Semaphores
Varies per bit
SMCORP0-2
Shared Memory Core Override Read Protect 0-2
R/W or RO
SMCOWP0-2
Shared Memory Core Override Write Protect 0-2
R/W or RO
RNGCS
Random Number Generator Control and Status
Varies per bit
RNGD
Random Number Generator Data
RO
Bit
76543
2
1
0
Name
HSEMIE
HSEMW
HLOCK
HERES
HERRIEN
HWERR
HRERR
Reset
0
0
0
0
0000
Bit
Description
0
HRERR (Host Read Error). The bit is set (1) when the host attempts to read from a read-protected block or
out-of-range address. An out-of-range address is an address that the LPC configuration module defines as
mapped to the PC87591x, but it is actually translated to a reserved address in the core address space. Writing
1 to this bit clears it to 0. Writing 0 has no effect.
1
HWERR (Host Write Error). The bit is set (1) when the host attempts to write to a read-protected block or out-
of-range address. An out-of-range address is an address that the LPC configuration module defines as mapped
to the PC87591x, but it is actually translated to a reserved address in the core address space. Writing 1 to this
bit clears it to 0. Writing 0 has no effect.
2
HERRIEN (Host Error Interrupt Enable). When set (1) and either the HRERR or HWERR bit is set (1), a core
interrupt is generated; otherwise, the core interrupt is inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com