Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 309 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 309 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 305Page - National Semiconductor (TI) PC87591E Datasheet HTML 306Page - National Semiconductor (TI) PC87591E Datasheet HTML 307Page - National Semiconductor (TI) PC87591E Datasheet HTML 308Page - National Semiconductor (TI) PC87591E Datasheet HTML 309Page - National Semiconductor (TI) PC87591E Datasheet HTML 310Page - National Semiconductor (TI) PC87591E Datasheet HTML 311Page - National Semiconductor (TI) PC87591E Datasheet HTML 312Page - National Semiconductor (TI) PC87591E Datasheet HTML 313Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 437 page
background image
Host Controller Interface Modules (Continued)
Revision 1.07
309
www.national.com
Shared Memory Core Override Read Protect Registers 0-2 (SMCORP0-2)
SMCORP0-2 are 16-bit registers that provide core override on the host read protection bits. For the host to be able to read
a memory location, both the Host Read Protection bit (controlled through the Shared Memory Host Access Protect Register
1 or 2) and the associated bit in SMCORP0-2 should be cleared. Each bit in this register is associated with a memory block,
as described in the bits description. Bits in these registers may be RO or RW depending on their position and the size of the
core and host boot blocks. SMCORP0-2 registers are loaded with reset values either on reset or when the value of the
SMCTA register is changed; the reset values depend on the size of the core and host boot blocks, as defined in the protec-
tion word.
Location: 00 F91016, 00 F91216, 00 F91416
Type: R/W or RO as described in the description below
Bit
Type
Description
3-0
RO
HSEM3-0. Four bits that may be updated by the host and read by both the host and the core.
7-4
R/W CSEM3-0. Four bits that may be updated by the core and read by both the host and the core.
Bit
15
14
13
12
11
10
9876
5
43210
Name
ORPLA15-0
Reset
See bit description below
1
See bit description below
Bit
15
14
13
12
11
10
9876
5
43210
Name
ORP15-2
Reserved
Reset
See bit description below
0
0
Bit
15
14
13
12
11
10
9876
5
43210
Name
ORP 31-16
Reset
See bit description below
Bit
Description
15-0 ORPLA15-0 (Override Read Protect Low Addresses 15 through 0).
ORP15-2 (Override Read Protect 15 through 2).
ORP31-16 (Override Read Protect 15 through 0).
Each bit affects the host’s ability to read from one block. On the low addresses (covered by ORPLAi), the block
size is 8 Kbytes. For the other blocks it is 64 Kbytes. The block address is calculated as follows:
Low address blocks, ORPLAi: from i*8K to (i+1)*8K
−1
Other blocks, ORPLj: from j*64K to (j+1)*64K
See Figure 102 on page 302 for a description of the block mapping. Bit 7 (ORPLA7) in SMCORP0 register is
read only.
0: Do not override the host read protect setting for the block
1: Host read for this block is disabled regardless of the setting of the respective bit in the host register
The reset values of these registers are as follows:
Core boot blocks that cover address 00 000016 to CR_Boot_Block_Size:
1
Host boot blocks not in above group and from (MBTA1
− Host_Boot_Block_Size) to MBTA:
0
All other blocks:
1
The following access limitations apply to the register bits:
Core boot blocks that cover address 00 000016 to CR_Boot_Block_Size:
RO
Host boot blocks not in above group and ranging from (MBTA1
− Host_Boot_Block_Size) to MBTA:RO
All other blocks:
RW
1. Use the MBTA as specified in SMCTA register, without the MBTA override in the protection word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com