Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 375 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 375 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 371Page - National Semiconductor (TI) PC87591E Datasheet HTML 372Page - National Semiconductor (TI) PC87591E Datasheet HTML 373Page - National Semiconductor (TI) PC87591E Datasheet HTML 374Page - National Semiconductor (TI) PC87591E Datasheet HTML 375Page - National Semiconductor (TI) PC87591E Datasheet HTML 376Page - National Semiconductor (TI) PC87591E Datasheet HTML 377Page - National Semiconductor (TI) PC87591E Datasheet HTML 378Page - National Semiconductor (TI) PC87591E Datasheet HTML 379Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 437 page
background image
7.0 Device Specifications (Continued)
Revision 1.07
375
www.national.com
7.2.4
Input, TTL Compatible
Symbol: INT
7.2.5
Input, TTL Compatible with Schmitt Trigger
Symbol: INTS
7.2.6
Output, TTL Compatible Push-Pull Buffer
Symbol: Op/n
Output, TTL-compatible, rail-to-rail push-pull buffer that is capable of sourcing p mA and sinking n mA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
5.51
1. Not tested; guaranteed by design.
V
VIL
Input Low Voltage
−0.51
0.8
V
IIL
2
2. Input leakage current includes the output leakage of the bidirectional buffers with TRI-STATE outputs.
Input Leakage Current
0 < VIN <VCC
±13
3. Maximum 10
µA for all pins together.
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage, 5V tolerant pins1
1. See Section 7.1.2 on page 372.
2.0
5.52
2. Not tested; guaranteed by design.
V
Input High Voltage, pins without 5V tolerance1
2.0
VSUP
3+0.52
3. VSUP is VDD or VCC, according to the power well of the input.
V
VIL
Input Low Voltage
−0.52
0.8
V
VH
Input Hysteresis
2504
4. Not tested; guaranteed by characterization.
mV
IIL
Input Leakage Current
0 < VIN <VSUP
±15
5. Maximum 10
µA for all pins together.
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
IOH = −p mA
2.4
V
IOH = −50 µA
VSUP
1
−
0.2
1. VSUP is VDD or VCC, according to the power well of the input.
V
VOL
Output Low Voltage
IOL = n mA
0.4
V
IOL =50 µA
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com