Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 376 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 376 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 372Page - National Semiconductor (TI) PC87591E Datasheet HTML 373Page - National Semiconductor (TI) PC87591E Datasheet HTML 374Page - National Semiconductor (TI) PC87591E Datasheet HTML 375Page - National Semiconductor (TI) PC87591E Datasheet HTML 376Page - National Semiconductor (TI) PC87591E Datasheet HTML 377Page - National Semiconductor (TI) PC87591E Datasheet HTML 378Page - National Semiconductor (TI) PC87591E Datasheet HTML 379Page - National Semiconductor (TI) PC87591E Datasheet HTML 380Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 437 page
background image
7.0 Device Specifications (Continued)
www.national.com
376
Revision 1.07
7.2.7
Output, Open-Drain Buffer
Symbol: ODn
Output, TTL-compatible open-drain output buffer, capable of sinking n mA. Output from these signals is open-drain and
is never forced high.
7.2.8
Output, PCI 3.3V
Symbol: OPCI I
7.2.9
Exceptions
1. All pins are back-drive protected, except for output pins with PCI buffer type (INPCI or OPCI), oscillator (OOSC) and all
analog type pins (ODA and ODI).
2. The following pins have an internal static pull-up resistor and therefore may have leakage current to VCC (when VIN = 0):
SCL1-2, SDA1-2, IOPA7-0, IOPB7-0, IOPC7-0, IOPD7-0, IOPE7-4, IOPF7-0, KBSIN0-7, PSCLK1-4, PSDAT1-4.
3. The following strap pins have an internal static pull-down resistor enabled during Power-Up reset and therefore may have
leakage current to VSS (when VIN = VSUP): BADDR1-0, ENV1-0, SHBM, TRIS.
4. IOH is valid for a GPIO pin only when it is not configured as open-drain.
7.2.10 Terminology
Back-Drive Protection. A pin that is back-drive protected does not sink current into the supply when an input voltage higher
than the supply, but below the pin’s maximum input voltage, is applied to the pin. This is true even when the supply is inac-
tive. Note that active pull-up resistors and active output buffers are typically not back-drive protected.
5-Volt Tolerance. An input signal that is 5V tolerant can operate with input voltage of up to 5V even though the supply to
the device is only 3.3V. The actual maximum input voltage allowed to be supplied to the pin is indicated by the maximum
high voltage allowed for the input buffer. Note that some pins have multiple buffers, not all of which are 5V tolerant. In such
cases, there is a note that indicates at what conditions a 5V input may be applied to the pin; if there is no note, the low max-
imum voltage among the buffers is the maximum voltage allowed for the pin.
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output Low Voltage
IOL = n mA
0.4
V
IOL =50 µA
0.2
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
lout = −500 µA
0.9 VDD
V
VOL
Output Low Voltage
lout = 1500 µA
0.1 VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com