Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 134 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 134 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 130Page - National Semiconductor (TI) PC87591E Datasheet HTML 131Page - National Semiconductor (TI) PC87591E Datasheet HTML 132Page - National Semiconductor (TI) PC87591E Datasheet HTML 133Page - National Semiconductor (TI) PC87591E Datasheet HTML 134Page - National Semiconductor (TI) PC87591E Datasheet HTML 135Page - National Semiconductor (TI) PC87591E Datasheet HTML 136Page - National Semiconductor (TI) PC87591E Datasheet HTML 137Page - National Semiconductor (TI) PC87591E Datasheet HTML 138Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
134
Revision 1.07
4.7
MULTI-FUNCTION 16-BIT TIMER (MFT16)
The PC87591x includes two Multi-Function Timer (MFT) modules. The registers of each module are prefixed with Tn and
the signals are suffixed with an n (where n is the module’s number, i.e., 1 or 2). Each MFT16 module consists of two func-
tional units designed to satisfy a wide range of application requirements. The units include:
●
Clock Source Unit that contains a pre-scaler with one clock source selector for each counter.
●
Main timer/counter and action unit that contains two counters, two reload registers for PWM, Input Capture or
Counter modes.
●
Mode selector/control unit that defines the function of the I/O pins and the interrupts.
Figure 44 shows the contents of an MFT16 and the top-level interaction. The rest of the section describes an MFT16 module.
4.7.1
Features
●
Two 16-bit programmable timers/counters
●
Two 16-bit reload/capture registers. These registers are used either as reload registers or capture registers, depend-
ing on the mode of operation.
●
A 5-bit fully programmable clock pre-scaler
●
Clock source selectors for each counter. These enable each counter to operate in:
— Pulse accumulate mode
— External event mode
— Prescaled system clock mode
— Slow speed clock input mode (where applicable)
●
Two I/O pins (TAn and TBn), with programmable edge detection; these operate as:
— Capture inputs
— Capture and preset inputs
— External event (clock) inputs
— PWM outputs
●
Two interrupts, one for each counter, that can be generated/ triggered by:
— Timer underflow
— Timer reload
— Input capture
●
Four pending bits, which can be polled by software, are associated with the two interrupts.
Reload/Capture A
Counter 1
Reload/Capture
Timer/Counter
Timer/Counter and Action
Clock
System
Clock
TBn
& Control
PWM/Capture/Counter Mode Select
TAn
External Event
Interrupt A
Interrupt B
Slow
Clock
Figure 44. MFT16 Functional Diagram
32.768 KHz
Source
and
TnCRA
Timer/Counter 1
TnCNT1
Reload/Capture B
TnCRB
Timer/Counter 2
TnCNT2
Clock
Counter 2
Clock
Pre-Scaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com