Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 138 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 138 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 134Page - National Semiconductor (TI) PC87591E Datasheet HTML 135Page - National Semiconductor (TI) PC87591E Datasheet HTML 136Page - National Semiconductor (TI) PC87591E Datasheet HTML 137Page - National Semiconductor (TI) PC87591E Datasheet HTML 138Page - National Semiconductor (TI) PC87591E Datasheet HTML 139Page - National Semiconductor (TI) PC87591E Datasheet HTML 140Page - National Semiconductor (TI) PC87591E Datasheet HTML 141Page - National Semiconductor (TI) PC87591E Datasheet HTML 142Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
138
Revision 1.07
In this case, the current value of the counter is transferred to the corresponding capture register; following this, the counter
is preset to FFFF16. Using this approach enables an external signal’s on-time, off-time or period to be directly determined,
while reducing CPU overhead.
The pulse width of the input signal on TAn and TBn must be equal to or greater than one system clock cycle (see
Section 7.6.10 on page 399 for additional details). The values captured in TnCRA register at different times reflect the
elapsed time between transitions on the TAn pin. The same is true for TnCRB register and the TBn pin. Each input pin can
be configured to sense either rising or falling edge transitions.
The timer can be configured to generate interrupts on reception of a transition on either TAn or TBn. The interrupts can be
enabled or disabled separately for TAn or TBn by TAnIEN and TnBIEN bits. An underflow of TnCNT1 can also generate an
interrupt if the interrupt was enabled by TnCIEN bit. All three interrupts have individual pending flags. See Section 4.7.4 on
page 140 for detailed information.
Timer/counter 2 can be used as a “simple” system timer in this mode of operation. The TnCNT2 counter counts down with
the clock selected via the counter 2 clock selector, and TnCNT2 can be configured to generate an interrupt on underflow if
the interrupt was enabled by TnDIEN bit. See Section 4.7.4 on page 140 for detailed information.
Note that TnCNT1 cannot operate in the “Pulse Accumulate” or “External Event Counter” modes of operation since TBn input
is used as a capture input. Selecting either “Pulse Accumulate” mode or “External Event Counter” mode for TnCNT1 causes
TnCNT1 to stop. However, all available clock source modes may be selected for TnCNT2. Thus it is possible to use TnCNT2
to determine the number of capture events on TBn or the elapsed time between capture events on TBn.
Mode 3, Dual Independent Timer
Dual Independent Timer mode can be used for a wide variety of system tasks such as the generation of periodic system
interrupts, based either on the prescaled clock or external events on TBn. The timer can also toggle TAn pin on underflow,
allowing the simple generation of a processor-independent 50% duty cycle PWM signal on TAn. In this mode, TnCNT1
counts down and reloads from TnCRA on underflow while TnCNT2 is reloaded from TnCRB on underflow.
In this mode, the timer is configured to operate as a dual independent system timer or dual external event counter. In addi-
tion, timer/counter 1 can generate a 50% duty cycle PWM signal on the TAn pin. The TBn pin can be used as an external
event input or pulse accumulate input and forms the clock source to either counter 1 or counter 2, as described above. Both
counters can also be operated using the prescaled system clock. Figure 49 shows a block diagram of the timer in mode 3.
Capture A
Timer/Counter 1
Capture B
TnCNT1
TnCRA
TnCRB
Timer/Counter 2
TnCNT2
Timer1
Clock
Timer 2
Clock
TBn
TAn
TAIEN
TAPND
Timer
Interrupt 1
TBIEN
TBPND
Timer
Interrupt 1
TCIEN
TCPND
Timer
Interrupt 1
Underflow
TDIEN
TDPND
Timer
Interrupt 2
Underflow
TAEN
Preset
Preset
TBEN
Figure 48. Mode 2, Dual Input Capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com