| Electronic Components Datasheet Search |
|
PC87591E Datasheet(PDF) 141 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87591E Datasheet(HTML) 141 Page - National Semiconductor (TI) |
|
141 / 437 page ![]() Embedded Controller Modules (Continued) Revision 1.07 141 www.national.com 4.7.5 Timer I/O Functions There are two I/O pins associated with each of the MFT16 modules: TAn and TBn, where n denotes the module on a given device. The functionality of TA and TB depends on the mode of operation and the value of TAEN and TBEN bits. Table 20 shows the function of TA and TB versus the selected mode of operation. Note that if TA functions as a PWM output, the initial and present value of TA is defined by TAOUT. For example, to start with TA high, TAOUT must be set (1) prior to enabling the timer clock. 4.7.6 Operation in Development System The MFT16 supports freezing the counters during breakpoints while operating in development systems. If FREEZE bit is asserted, all timer counter clocks are inhibited, and the current values of timer/counter registers TnCNT1 and TnCNT2 are frozen. Once FREEZE becomes inactive, counting resumes from the previous value. See 4.20.5 on page 273 for more de- tails. Table 20. MFT16 I/O Functions I/O TnAEN TnBEN Mode 1 Mode 2 Mode 3 Mode 4 PWM and Counter Dual Input Capture Dual Independent Timer Input Capture and Timer TAn TnAEN=0 TnBEN=X No Output Capture TnCNT1 into TnCRA No Output toggle No Output toggle TnAEN=1 TnBEN=X Toggle Output on underflow of TnCNT1 Capture TnCNT1 into TnCRA and preset TnCNT1 Toggle Output on underflow of TnCNT1 Toggle Output on underflow of TnCNT1 TBn TnAEN=X TnBEN=0 Ext. Event or Pulse Accumulate Input Capture TnCNT1 into TnCRB Ext. Event or Pulse Accumulate Input Capture TnCNT2 into TnCRB TnAEN=X TnBEN=1 Ext. Event or Pulse Accumulate Input Capture TnCNT1 into TnCRB and preset TnCNT1 Ext. Event or Pulse Accumulate Input Capture TnCNT2 into TnCRB and preset TnCNT2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |