Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 143 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 143 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 139Page - National Semiconductor (TI) PC87591E Datasheet HTML 140Page - National Semiconductor (TI) PC87591E Datasheet HTML 141Page - National Semiconductor (TI) PC87591E Datasheet HTML 142Page - National Semiconductor (TI) PC87591E Datasheet HTML 143Page - National Semiconductor (TI) PC87591E Datasheet HTML 144Page - National Semiconductor (TI) PC87591E Datasheet HTML 145Page - National Semiconductor (TI) PC87591E Datasheet HTML 146Page - National Semiconductor (TI) PC87591E Datasheet HTML 147Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
143
www.national.com
Timer/Counter Register 2 (TnCNT2)
The TnCNT2 register is a word-wide read/write register that is not altered by reset. The power-up value is unknown.
Location: MFT16 1: 00 FD8616
MFT16 2: 00 FDA616
Type: R/W
Clock Pre-Scaler Register (TnPRSC)
The TnPRSC register is a byte-wide read/write register. It contains the current value of the clock pre-scaler, CLKPS. The
register is cleared on reset. It defines the timer clock pre-scaler ratio.
Location: MFT16 1: 00 FD8816
MFT16 2: 00 FDA816
Type: R/W
Clock Unit Control Register (TnCKC)
The TnCKC register is a byte-wide read/write register. It defines the clock source selection for each timer counter. The reg-
ister is cleared on reset, thus disabling timer/counter 1 and timer/counter 2 clocks.
Location: MFT16 1: 00 FD8A16
MFT16 2: 00 FDAA16
Type: R/W
Bit
15
14
13
12
11
10
9876543210
Name
TCNT2
Bit
76543210
Name
Reserved
CLKPS
Reset
00000000
Bit
Description
4-0
CLKPS (Clock Pre-Scaler). The timer clock is generated by dividing the system clock by CLKPS+1. Therefore
the maximum timer clock frequency is equal to the system clock (CLKPS=00000) and the minimum timer clock
is the system clock divided by 32 (CLKPS=11111).
7-5
Reserved.
Bit
76543210
Name
Reserved
C2CSEL
C1CSEL
Reset
00000000
Bit
Description
2-0
C1CSEL (Counter 1 Clock Select). Defines the clock mode for timer/counter 1 where:
Bits
2 1 0
Description
0 0 0:
No Clock (Counter 1 stopped)
0 0 1:
Prescaled system clock
0 1 0:
External Event on TBn
0 1 1:
Pulse Accumulate
1 0 0:
Slow-speed Clock
Other:
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com