Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 146 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 146 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 142Page - National Semiconductor (TI) PC87591E Datasheet HTML 143Page - National Semiconductor (TI) PC87591E Datasheet HTML 144Page - National Semiconductor (TI) PC87591E Datasheet HTML 145Page - National Semiconductor (TI) PC87591E Datasheet HTML 146Page - National Semiconductor (TI) PC87591E Datasheet HTML 147Page - National Semiconductor (TI) PC87591E Datasheet HTML 148Page - National Semiconductor (TI) PC87591E Datasheet HTML 149Page - National Semiconductor (TI) PC87591E Datasheet HTML 150Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
146
Revision 1.07
Timer Interrupt Clear Register (TnICLR)
The TnICLR register is a byte-wide write-only register. It controls the clear of pending flags TAPND, TBPND, TCPND and
TDPND, which are located in TnICTRL register.
Location: MFT16 1: 00 FD9016
MFT16 2: 00 FDB016
Type: WO
Bit
76543210
Name
Reserved
TDCLR
TCCLR
TBCLR
TACLR
Bit
Description
0
TACLR (Timer Pending A Clear). Writing a 1 to this bit clears the TAPND flag in TnICTL register.
0: Has no effect on TAPND. The previous value of TAPND is maintained
1: Causes the TAPND flag to be cleared (0)
1
TBCLR (Timer Pending B Clear). Writing a 1 to this bit clears the TBPND flag in TnICTL register.
0: Has no effect on TBPND. The previous value of TBPND is maintained
1: Causes the TBPND flag to be cleared (0)
2
TCCLR (Timer Pending C Clear). Writing a 1 to this bit clears the TCPND flag in TnICTL register.
0: Has no effect on TCPND. The previous value of TCPND is maintained
1: Causes the TCPND flag to be cleared (0)
3
TDCLR (Timer Pending D Clear). Writing a 1 to this bit clears the TDPND flag in TnICTL register.
0: Has no effect on TDPND. The previous value of TDPND is maintained
1: Causes the TDPND flag to be cleared (0)
7-4
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com