Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 150 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 150 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 146Page - National Semiconductor (TI) PC87591E Datasheet HTML 147Page - National Semiconductor (TI) PC87591E Datasheet HTML 148Page - National Semiconductor (TI) PC87591E Datasheet HTML 149Page - National Semiconductor (TI) PC87591E Datasheet HTML 150Page - National Semiconductor (TI) PC87591E Datasheet HTML 151Page - National Semiconductor (TI) PC87591E Datasheet HTML 152Page - National Semiconductor (TI) PC87591E Datasheet HTML 153Page - National Semiconductor (TI) PC87591E Datasheet HTML 154Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
150
Revision 1.07
PWM Polarity Register (PWMPOL)
This register controls the polarity of PWM0 to PWM7. The register is cleared (0016) on reset.
Location: 00 FD0416
Type: R/W
PWM Control Register (PWMCNT)
This register controls PWM operation. The register is cleared (0016) on reset.
Location: 00 FD0616
Type: R/W
Bit
76543210
Name
INVP7-0
Reset
00000000
Bit
Description
7-0
Inverse PWM Outputs. Each bit controls the corresponding polarity of PWM0 to PWM7; e.g., INVP0 controls
PWM0.
0: The number in DCRi indicates for how many clocks (of down-counter decrements) PWMi signal is high.
1: The number in DCRi indicates for how many clocks (of down-counter decrements) PWMi signal is low.
Bit
76543210
Name
Reserved
PWR
Reset
00000000
Bit
Description
0
Power Mode. This bit controls the operating mode of the PWM, as follows:
0: Low Power mode. PWM input clock is disabled (stopped). Its registers are accessible and maintained. PWMi
signal is 0 when INVPi bit is 0. PWMi signal is 1 when INVPi bit is 1.
1: Normal Power mode. PWM module is enabled. Its registers are accessible and its clock is functional.
7-1
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com