Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 153 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 153 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 149Page - National Semiconductor (TI) PC87591E Datasheet HTML 150Page - National Semiconductor (TI) PC87591E Datasheet HTML 151Page - National Semiconductor (TI) PC87591E Datasheet HTML 152Page - National Semiconductor (TI) PC87591E Datasheet HTML 153Page - National Semiconductor (TI) PC87591E Datasheet HTML 154Page - National Semiconductor (TI) PC87591E Datasheet HTML 155Page - National Semiconductor (TI) PC87591E Datasheet HTML 156Page - National Semiconductor (TI) PC87591E Datasheet HTML 157Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
153
www.national.com
4.9.3
Operation
The USART has two basic modes of operation; Synchronous and Asynchronous. In addition, two special Synchronous and
Asynchronous modes, attention and diagnostic, are available. This section describes the operating modes of the USART.
Asynchronous Mode
USART Asynchronous mode enables the device to communicate with other devices using two communication signals: trans-
mit (UTXD) and receive (URXD).
In Asynchronous mode, Transmit Shift register (TSFT) and Transmit Buffer register (UTBUF) double buffer data for trans-
mission. To transmit a character, a data byte is loaded into UTBUF register. The data is then transferred to TSFT register.
While TSFT register is shifting out the current character (LSB first) on the UTXD pin, UTBUF register is loaded by software
with the next byte to be transmitted. When TSFT completes transmitting the last stop bit of the current frame, the contents
of UTBUF are transferred to TSFT register and the Transmit Buffer Empty flag (TBE) is set. The TBE flag is automatically
reset by the USART when the software loads a new character into UTBUF register. During transmission, the XMIP bit is set
high by the USART. This bit is reset only after the USART has sent the last stop bit of the current character and UTBUF
register is empty. UTBUF register is a read/write register. TSFT register is not user accessible.
In Asynchronous mode, the input frequency to the USART is 16 times the baud rate, i.e., there are 16 clock cycles per bit
time. In Asynchronous mode, the baud rate generator is always used as the UART clock.
Receive Shift register (RSFT) and Receive Buffer register (URBUF) double buffer the data being received. The USART re-
ceiver continually monitors the signal on the URXD pin for a low level to detect the beginning of a start bit. On sensing this
low level, the USART waits for seven input clock cycles and samples again three times. If all three samples still indicate a
valid low, the receiver considers this to be a valid start bit, and the remaining bits in the character frame are each sampled
three times around the mid-bit position. For any bit following the start bit, the logic value is found by majority voting, i.e., the
two samples with the same value define the value of the data bit. Figure 53 illustrates the process of start-bit detection and
bit sampling. Serial data input on the URXD pin is shifted into RSFT register. On receiving the complete character, the con-
tents of RSFT register are copied into URBUF register and Receive Buffer Full flag (RBF) is set. The RBF flag is automati-
cally reset when software reads the character from URBUF register. The RSFT register is not user accessible.
Figure 53. USART Asynchronous Communication
Synchronous Mode
The USART Synchronous mode enables the device to communicate with other devices using three communication signals:
transmit (UTXD), receive (URXD) and clock (USCLK). In this mode, data bits are transferred synchronously using the
USART clock signal. As shown in Figure 54, the data is transmitted on the rising edge and received on the falling edge of
the clock. Data is transmitted and received with the LSB first.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
16
Sample
Sample
STARTBIT
DATA (LSB)
Sample
DATABIT
1
234
5
6
7
8
9
10
11
12
13
14
15
16
1
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com