| Electronic Components Datasheet Search |
|
PC87591E Datasheet(PDF) 155 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87591E Datasheet(HTML) 155 Page - National Semiconductor (TI) |
|
155 / 437 page ![]() Embedded Controller Modules (Continued) Revision 1.07 155 www.national.com Figure 55. Seven Data Bit Frame Options The format shown in Figure 56 consists of one start bit, eight data bits (excluding parity) and one or two stop bits. If parity bit generation is enabled by setting the PEN bit, a parity bit is generated and transmitted following the eight data bits. Figure 56. Eight Data Bit Frame Options The format shown in Figure 57 consists of one start bit, nine data bits and one or two stop bits. This format also supports the USART attention feature. When operating in this format, all eight bits of UTBUF and URBUF are used for data. The ninth data bit is transmitted and received using two bits in the control registers, called STPXB9 and RB9. Parity is not generated or verified in this mode. Figure 57. Nine Data Bit Frame Options Baud Rate Generator The Baud Rate Generator provides the basic baud clock from the system clock. The system clock is passed through a two- stage divider chain consisting of a 5-bit baud rate pre-scaler (PSC) and an 11-bit baud rate divisor (DIV). The correspondences between the 5-bit pre-scaler select (PSC) and pre-scaler factors are shown in Table 21. 1 START BIT 7-BIT DATA S 1a START BIT 7-BIT DATA 2S 1c START BIT 7-BIT DATA 2S PA 1b START BIT 7-BIT DATA S PA 2 START BIT 8-BIT DATA S 2a START BIT 8-BIT DATA 2S 2b START BIT 8-BIT DATA S PA 2c START BIT 8-BIT DATA 2S PA 3 START BIT 9-BIT DATA S 3a START BIT 9-BIT DATA 2S |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |