Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 158 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 158 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 154Page - National Semiconductor (TI) PC87591E Datasheet HTML 155Page - National Semiconductor (TI) PC87591E Datasheet HTML 156Page - National Semiconductor (TI) PC87591E Datasheet HTML 157Page - National Semiconductor (TI) PC87591E Datasheet HTML 158Page - National Semiconductor (TI) PC87591E Datasheet HTML 159Page - National Semiconductor (TI) PC87591E Datasheet HTML 160Page - National Semiconductor (TI) PC87591E Datasheet HTML 161Page - National Semiconductor (TI) PC87591E Datasheet HTML 162Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
158
Revision 1.07
4.9.4
USART Registers
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
USART Register Map
Receive Data Buffer Register (URBUF)
Location: 00 FD2216
Type: RO
Transmit Data Buffer Register (UTBUF)
Location: 00 FD2016
Type: R/W
Baud Rate Pre-Scaler Register (UPSR)
Byte-wide read/write register containing the 5-bit pre-scaler value in bit 7 (MSB) through bit 3 (LSB) and the upper three bits
of the baud divisor in bit 2 (MSB) through bit 0 (LSB). The register is cleared (0016) on reset.
Location: 00 FD2E16
Type: R/W
Baud Rate Divisor Register (UBAUD)
This byte-wide read/write register contains the lower eight bits of the baud rate divisor. The UPSR register contains the upper
three bits. The register is cleared (0016) on reset.
Location: 00 FD2C16
Type: R/W
Mnemonic
Register Name
Type
URBUF
Receive Data Buffer Register
RO
UTBUF
Transmit Data Buffer Register
R/W
UPSR
Baud Rate Pre-Scaler Register
R/W
UBAUD
Baud Rate Divisor Register
R/W
UFRS
Frame Select Register
R/W
UMDSL
Mode Select Register
R/W
USTAT
Status Register
RO
UICTRL
Interrupt Control Register
Varies per bit
Bit
76543210
Name
URBUF
Bit
76543210
Name
UTBUF
Bit
76543210
Name
UPSC
UDIV[10]: UDIV[8]
Reset
00000000
Bit
76543210
Name
UDIV[7]: UDIV[0]
Reset
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com