Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 157 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 157 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 153Page - National Semiconductor (TI) PC87591E Datasheet HTML 154Page - National Semiconductor (TI) PC87591E Datasheet HTML 155Page - National Semiconductor (TI) PC87591E Datasheet HTML 156Page - National Semiconductor (TI) PC87591E Datasheet HTML 157Page - National Semiconductor (TI) PC87591E Datasheet HTML 158Page - National Semiconductor (TI) PC87591E Datasheet HTML 159Page - National Semiconductor (TI) PC87591E Datasheet HTML 160Page - National Semiconductor (TI) PC87591E Datasheet HTML 161Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
157
www.national.com
Figure 58 shows a diagram of the interrupt sources and associated enable bits.
The interrupts can be individually enabled or disabled using Enable Transmit Interrupt (ETI), Enable Receive Interrupt (ERI)
and Enable Receive Error Interrupt (EEI) bits in UICTRL register.
A transmit interrupt is generated when both the TBE and ETI bits are set. To remove this interrupt, the software must either
disable the interrupt by clearing the ETI bit or write to UTBUF register (thus clearing the TBE bit).
A receive interrupt is generated on two conditions:
●
If both the RBF and ERI bits are set. To remove this interrupt, the software must either disable the interrupt, by clear-
ing the ERI bit, or read from URBUF register (thus clearing the RBF bit).
●
If both the ERR and the EEI bits are set. To remove this interrupt, the software must either disable it by clearing the
EEI bit, or read USTAT register, which causes ERR flag to be cleared.
DMA Support
The USART can operate with either one or two DMA channels. Two DMA channels are required for processor-independent
full-duplex operation. Both receive and transmit DMA can be enabled individually.
If the transmit DMA is enabled (ETD=1), the USART issues a DMA request every time the TBE flag is set. Enabling the
transmit DMA automatically disables the TX interrupt independent of the value of the ETI bit.
Enabling the receive DMA (ERD=1) causes a DMA request to be asserted every time the Receive Buffer Full flag (RBF) is
set. Once the receive DMA is enabled the RX interrupt is automatically disabled independent of the value of the ERI bit.
However, to detect errors during reception the receive error interrupt should be enabled (EEI=1) while using the DMA.
Break Generation and Detection
A line break is generated when BRK bit is set in MDSL register. The UTXD line remains low until the user resets the BRK bit.
A line break is detected if URXD remains low for a time equivalent to 10 bit times or longer, after a missing stop bit has been
detected.
Parity Generation and Detection
Parity is only generated or checked with 7- and 8-bit data formats. It is not generated or checked in Diagnostic Loopback
mode, Attention mode or in Normal mode with 9-bit data format. Parity generation and checking is enabled and disabled via
PEN bit in UFRS register. PSEL bits in UFRS register are used to select odd, even, mark or space parity.
ISE Mode Operation
The USART module supports breakpoint operation by preserving some of the status bits of the USTAT and UICTRL regis-
ters. While the FREEZE bit is asserted, the PE, FE, DOE, BKD and DCTS bits are not cleared on a read of STAT register.
EEI
ERI
ERR
RBF
FE
DOE
PE
RX
Interrupt
ETI
TBE
TX
Interrupt
Figure 58. USART Interrupt Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com