Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 159 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 159 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 155Page - National Semiconductor (TI) PC87591E Datasheet HTML 156Page - National Semiconductor (TI) PC87591E Datasheet HTML 157Page - National Semiconductor (TI) PC87591E Datasheet HTML 158Page - National Semiconductor (TI) PC87591E Datasheet HTML 159Page - National Semiconductor (TI) PC87591E Datasheet HTML 160Page - National Semiconductor (TI) PC87591E Datasheet HTML 161Page - National Semiconductor (TI) PC87591E Datasheet HTML 162Page - National Semiconductor (TI) PC87591E Datasheet HTML 163Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
159
www.national.com
Frame Select Register (UFRS)
This byte-wide read/write register controls the selection of the frame format, including number of data bits, number of stop
bits and parity. The register is cleared (0016) on reset.
Location: 00 FD2816
Type: R/W
Bit
76543210
Name
Reserved
PEN
PSEL
XB9
STP
CHAR
Reset
00000000
Bit
Description
1-0
CHAR. Selects the number of data bits per frame. Note that the parity bit is not included in the number of data
bits.
Bits
1 0
Description
0 0:
Frame contains eight data bits
0 1:
Frame contains seven data bits
1 0:
Frame contains nine data bits
1 1:
Loopback mode selected; frame contains nine data bits.
2
STP. Programs the number of stop bits to be transmitted.
0: One stop bit transmitted
1: Two stop bits transmitted
3
XB9. Contains the value of the 9th data bit for transmission only. The bit has no effect while operating with seven
or eight data bits per frame.
0: Transmit 0 as 9th data bit
1: Transmit 1 as 9th data bit
5-4
PSEL. Controls the mode of parity bit generation and checking. Note that while operating with nine data bits-
per-frame, the parity bit is omitted. In this case, the value of PSEL has no effect.
Bits
5 4
Description
0 0:
Odd parity
0 1:
Even parity
1 0:
Mark (1)
1 1:
Space (0)
6
PEN. Enables or disables the generation of a parity bit generation and parity check. Note that there is no parity
bit while operating in the nine data bits-per-frame mode. In this case, this bit has no effect.
0: Parity disabled
1: Parity enabled
7
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com