Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 152 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 152 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 148Page - National Semiconductor (TI) PC87591E Datasheet HTML 149Page - National Semiconductor (TI) PC87591E Datasheet HTML 150Page - National Semiconductor (TI) PC87591E Datasheet HTML 151Page - National Semiconductor (TI) PC87591E Datasheet HTML 152Page - National Semiconductor (TI) PC87591E Datasheet HTML 153Page - National Semiconductor (TI) PC87591E Datasheet HTML 154Page - National Semiconductor (TI) PC87591E Datasheet HTML 155Page - National Semiconductor (TI) PC87591E Datasheet HTML 156Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
152
Revision 1.07
Figure 52. USART Block Diagram
Each functional unit is described briefly in this section.
Transmitter
The Transmitter consists of an 8-bit transmit shift register and an 8-bit transmit buffer. Data is loaded in parallel from the
buffer into the shift register and then transmitted serially on the UTXD pin.
Receiver
The Receiver consists of an 8-bit receive shift register and an 8-bit receive buffer. Data is received serially into the shift reg-
ister from the URXD pin. After eight bits have been received, the contents of the shift register are transferred in parallel to
the receive buffer.
Baud Rate Generator
The Baud Rate Generator generates the clock for the Asynchronous and Synchronous modes of operation. It consists of
two registers and a two-stage counter. The registers are used to specify a pre-scaler value and baud rate divisor. The first
stage of the counter divides the CLK clock in 0.5 increments based on the value of the pre-scaler. The second stage of the
counter divides the output of the first stage in integer increments based on the value of the baud rate divisor.
Control and Error Detection
This unit contains the control registers (see Section 4.9.4 on page 158), control logic, error detection circuitry and parity gen-
erator/checker. It supports:
●
Selection of the data format, mode of operation, clock source and parity type
●
Generation and detection of parity
●
Reporting of parity errors
●
Detection and reporting of data overrun and frame errors
●
Interrupts on transmit buffer empty, receive buffer full, receive error and delta clear to send conditions
●
Generation and detection of line breaks
sys_clk
USCLK
UTXD
URXD
Transmitter
Receiver
Control and
Error Detection
Parity
Generator/Checker
Baud Rate
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com