Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 148 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 148 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 144Page - National Semiconductor (TI) PC87591E Datasheet HTML 145Page - National Semiconductor (TI) PC87591E Datasheet HTML 146Page - National Semiconductor (TI) PC87591E Datasheet HTML 147Page - National Semiconductor (TI) PC87591E Datasheet HTML 148Page - National Semiconductor (TI) PC87591E Datasheet HTML 149Page - National Semiconductor (TI) PC87591E Datasheet HTML 150Page - National Semiconductor (TI) PC87591E Datasheet HTML 151Page - National Semiconductor (TI) PC87591E Datasheet HTML 152Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
148
Revision 1.07
4.8.3
Cycle Time and Duty Cycle Calculation
The PWM module supports duty cycles in the range of 0% to 100%.
The PWMi output signal cycle time is:
(PRSC + 1) x (CTR + 1) x TCLK
where:
●
TCLK is the core domain clock cycle time (i.e., the PWM input clock).
●
The cycle time may range from 2 x TCLK to 65536 x TCLK.
The PWMi output signal duty cycle (in %, when INVPi is 0) is:
(DCRi + 1) / (CTR + 1) x 100.
Special cases:
●
If the DCRi value is greater than the CTR value, PWMi signal is always low.
●
If DCRi value is equal to the CTR value, PWMi signal is always high.
When Inverse PWMi bit is 1, the value of PWMi output is inverted. i.e., in the period described as 1 is 0 and vice versa.
4.8.4
Power Modes
The PWM is in Low Power mode when Power Mode bit (PWR) in PWM Control Register (PWMCNT) is 0. In this mode, the
PWM input clock is disabled (stopped), but the registers are accessible and maintained. The PWMi signal is 0 when INVPi
bit is 0; it is 1 when INVPi bit is 1.
The PWM is in normal power mode when PWR bit in PWMCNT register is 1. In this mode, the PWM module is enabled, its
registers are accessible and its clock is functional.
The PRSC and CTR registers should be updated during Low Power mode. Otherwise, there may be unpredictable transient
behavior.
4.8.5
PWM Registers
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
PWM Register Map
Clock Pre-Scaler Register (PRSC)
The PRSC register controls the cycle time and the minimal pulse width. PRSC is cleared (0016) on reset.
Location: 00 FD0016
Type: R/W
Mnemonic
Register Name
Type
PRSC
Clock Pre-Scaler
R/W
CTR
Cycle Time
R/W
DCRi
Duty Cycle 0 to 7
R/W
PWMPOL
PWM Polarity
R/W
PWMCNT
PWM Control
R/W
Bit
76543210
Name
PRSC7-0
Reset
00000000
Bit
Description
7-0
Pre-Scaler Divider Value. The divider of the PWM input clock is the number defined by PRSC7-0 + 1, e.g., a
value of 0016 results in a divide by 1, a value of FF16 results in a divide by 256.
The contents of this register may be changed only when the PWM module is in Low Power mode. Otherwise,
there may be unpredictable results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com