Electronic Components Datasheet Search
  English  ▼

X  

TPS51116 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51116 Datasheet(HTML) 5 Page - Texas Instruments

  TPS51116 Datasheet HTML 1Page - Texas Instruments TPS51116 Datasheet HTML 2Page - Texas Instruments TPS51116 Datasheet HTML 3Page - Texas Instruments TPS51116 Datasheet HTML 4Page - Texas Instruments TPS51116 Datasheet HTML 5Page - Texas Instruments TPS51116 Datasheet HTML 6Page - Texas Instruments TPS51116 Datasheet HTML 7Page - Texas Instruments TPS51116 Datasheet HTML 8Page - Texas Instruments TPS51116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
TPS51116
SLUS609A – MAY 2004 – REVISED JUNE 2004
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, V
V5IN = 5 V, VLDOIN is connected to VDDQ output (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PROTECTIONS
VPGND-CS , PGOOD = HI, VCS < 0.5 V
50
60
70
VOCL
Current limit threshold
mV
VPGND-CS , PGOOD = LO, VCS < 0.5 V
20
30
40
TA = 25°C, VCS > 4.5 V, PGOOD = HI
9
10
11
ITRIP
Current sense sink current
µA
TA = 25°C, VCS > 4.5 V, PGOOD = LO
4
5
6
TRIP current temperature co- RDS(on) sense scheme, On the basis
TCITRIP
4500
ppm/
°C
efficient
of TA = 25°C
(3)
Overcurrent protection
(VV5IN-CS - VPGND-LL), VV5IN-CS = 60 mV,
VOCL(off)
-5
0
5
COMP offset
VCS > 4.5 V
mV
Current limit threshold setting
VR(trip)
VV5IN-CS
(3)
30
150
range
POWERGOOD COMPARATOR
PG in from lower
93%
95%
97%
VTVDDQPG
VDDQ powergood threshold
PG in from higher
103%
105%
107%
PG hysteresis
5%
IPG(max)
PGOOD sink current
VVTT = 0 V, VPGOOD = 0.5 V
2.5
7.5
mA
TPG(del)
PGOOD delay time
Delay for PG in
80
130
200
µs
UNDERVOLTAGE LOCKOUT/LOGIC THRESHOLD
Wake up
3.7
4.0
4.3
V5IN UVLO threshold volt-
VUVV5IN
age
Hysteresis
0.2
0.3
0.4
No discharge
4.7
VTHMODE
MODE threshold
Non-tracking discharge
0.1
2.5 V output
0.08
0.15
0.25
V
VTHVDDQSET
VDDQSET threshold voltage
1.8 V output
3.5
4.0
4.5
VIH
High-level input voltage
S3, S5
2.2
VIL
Low-level input voltage
S3, S5
0.3
VIHYST
Hysteresis voltage
S3, S5
0.2
VINLEAK
Logic input leakage current
S3, S5, MODE
-1
1
µA
VINVDDQSET
Input leakage/ bias current
VDDQSET
-1
1
UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
OVP detect
110%
115%
120%
VDDQ OVP trip threshold
VOVP
voltage
Hysteresis
5%
VDDQ OVP propagation de-
TOVPDEL
1.5
µs
lay (3)
UVP detect
70%
VUVP
Output UVP trip threshold
Hysteresis
10%
Output UVP propagation de-
TUVPDEL
32
lay(3)
cycle
TUVPEN
Output UVP enable delay(3)
1007
THERMAL SHUTDOWN
Shutdown temperature
160
TSDN
Thermal SDN threshold (3)
°C
Hysteresis
10
(3)
Ensured by design. Not production tested.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com