Electronic Components Datasheet Search
  English  ▼

X  

TPS51116 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51116 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS51116 Datasheet HTML 12Page - Texas Instruments TPS51116 Datasheet HTML 13Page - Texas Instruments TPS51116 Datasheet HTML 14Page - Texas Instruments TPS51116 Datasheet HTML 15Page - Texas Instruments TPS51116 Datasheet HTML 16Page - Texas Instruments TPS51116 Datasheet HTML 17Page - Texas Instruments TPS51116 Datasheet HTML 18Page - Texas Instruments TPS51116 Datasheet HTML 19Page - Texas Instruments TPS51116 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
R
C v 2
p
f
0
V
OUT
0.75
C
O
gm
R
S
(18)
R
C + 2.8
V
OUT
C
O [mF]
R
S [mW]
(19)
wz2 +
1
C
O
ESR
+ wp3 +
1
C
C2
R
C
(20)
C
C2 +
C
O
ESR
R
C
(21)
f
z1 +
1
2p
C
C
R
C
+
f
0
10
(22)
R1 +
V
OUT * 0.75
0.75
R2
(23)
D-CAP™ Mode Operation
TPS51116
SLUS609A – MAY 2004 – REVISED JUNE 2004
APPLICATION INFORMATION (continued)
5. Calculate C
C2. Purpose of this capacitance is to cancel zero caused by ESR of the output capacitor. In case
of ceramic capacitor(s) is used, no need for C
C2.
6. Calculate C
C. The purpose of CC is to cut DC component to obtain high DC feedback gain. However, as it
causes phase delay, another zero to cancel this effect at f
0 frequency is need. This zero, ωz1, is determined
by Cc and Rc. Recommended
ωz1 is 10 times lower to the f
0 frequency.
7. When using adjustable mode, determine the value of R1 and R2. Recommended R2 value is from 100
k
Ω to 300 kΩ. Determine R1 using Equation 23.
A buck converter system using D-CAP™ Mode can be simplified as below.
Figure 3. Linearizing the Modulator
The VDDQSNS voltage is compare with internal reference voltage after divider resistors. The PWM comparator
determines the timing to turn on top MOSFET. The gain and speed of the comparator is high enough to keep the
voltage at the beginning of each on cycle (or the end of off cycle) substantially constant. The DC output voltage
may have line regulation due to ripple amplitude that slightly increases as the input voltage increase.
For the loop stability, the 0-dB frequency, f0, defined below need to be lower than 1/3 of the switching frequency.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com