Electronic Components Datasheet Search
  English  ▼

X  

TPS51116 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51116 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS51116 Datasheet HTML 20Page - Texas Instruments TPS51116 Datasheet HTML 21Page - Texas Instruments TPS51116 Datasheet HTML 22Page - Texas Instruments TPS51116 Datasheet HTML 23Page - Texas Instruments TPS51116 Datasheet HTML 24Page - Texas Instruments TPS51116 Datasheet HTML 25Page - Texas Instruments TPS51116 Datasheet HTML 26Page - Texas Instruments TPS51116 Datasheet HTML 27Page - Texas Instruments TPS51116 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
www.ti.com
IVTT − VTT Output Current − A
−5
1.22
1.20
−4
−3
−2
−1
0
1
2
3
4
5
1.21
1.25
1.23
1.24
1.28
1.26
1.27
1.29
1.30
VVLDOIN = 2.5 V
VVLDOIN = 1.8 V
IVTT − VTT Output Current − A
−3
0.88
0.86
−2
−1
0
1
2
3
0.87
0.91
0.89
0.90
0.94
0.92
0.93
VVLDOIN = 1.5 V
VVLDOIN = 1.2 V
VVLDOIN = 1.8 V
−10
1.245
1.244
−5
0
5
10
1.246
1.247
1.248
1.249
1.250
1.251
1.252
IVTTREF − VTTREF Current − A
DDR
IVTTREF − VTTREF Current − A
−10
−5
0
5
10
0.897
0.896
0.898
0.899
0.900
0.901
0.902
0.903
0.904
DDR2
TPS51116
SLUS609A – MAY 2004 – REVISED JUNE 2004
TYPICAL CHARACTERISTICS (continued)
VTT OUTPUT VOLTAGE
VTT OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT (DDR)
OUTPUT CURRENT (DDR2)
Figure 18.
Figure 19.
VTTREF OUTPUT VOLTAGE
VTTREF OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT (DDR)
OUTPUT CURRENT (DDR2)
Figure 20.
Figure 21.
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com