Electronic Components Datasheet Search
  English  ▼

X  

TPS51116 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51116 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS51116 Datasheet HTML 4Page - Texas Instruments TPS51116 Datasheet HTML 5Page - Texas Instruments TPS51116 Datasheet HTML 6Page - Texas Instruments TPS51116 Datasheet HTML 7Page - Texas Instruments TPS51116 Datasheet HTML 8Page - Texas Instruments TPS51116 Datasheet HTML 9Page - Texas Instruments TPS51116 Datasheet HTML 10Page - Texas Instruments TPS51116 Datasheet HTML 11Page - Texas Instruments TPS51116 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
DETAILED DESCRIPTION
VDDQ SMPS, Dual PWM Operation Modes
TPS51116
SLUS609A – MAY 2004 – REVISED JUNE 2004
The TPS51116 is an integrated power management solution which combines a synchronous buck controller, a
10-mA buffered reference and a high-current sink/source low-dropout linear regulator (LDO) in a small 20-pin
HTSSOP package. Each of these rails generates VDDQ, VTTREF and VTT that required with DDR/DDR2
memory systems. The switch mode power supply (SMPS) portion employs external N-channel MOSFETs to
support high current for DDR/DDR2 memory’s VDD/VDDQ. The output voltage is preset and selectable from 2.5
V or 1.8 V. User defined output voltage is also possible and can be adjustable from 1.5 V to 3 V. Input voltage
range of the SMPS is 3 V to 28 V. The SMPS runs an adaptive on-time PWM operation at high-load condition
and automatically reduces frequency to keep excellent efficiency down to several mA. Current sensing scheme
uses either RDS(on) of the external rectifying MOSFET for a low-cost, loss-less solution, or an optional sense
resistor placed in series to the rectifying MOSFET for more accurate current limit. The output of the switcher is
sensed by VDDQSNS pin to generate one-half VDDQ for the 10-mA buffered reference (VTTREF) and the VTT
active termination supply. The VTT LDO can source and sink up to 3-A peak current with only 20-µF (two 10 µF
in parallel) ceramic output capacitors. VTTREF tracks VDDQ/2 within
±20 mV. VTT output tracks VTTREF within
±20 mV at no load condition while ±40 mV at full load. The LDO input can be separated from VDDQ and
optionally connected to a lower voltage by using VLDOIN pin. This helps reducing power dissipation in sourcing
phase. TheTPS51116 is fully compatible to JEDEC DDR/DDR2 specifications at S3/S5 sleep state (see Table 2).
The part has two options of output discharge function when both VTT and VDDQ are disabled. The tracking
discharge mode discharges VDDQ and VTT outputs through the internal LDO transistors and then VTT output
tracks half of VDDQ voltage during discharge. The non-tracking discharge mode discharges outputs using
internal discharge MOSFETs which are connected to VDDQSNS and VTT. The current capability of these
discharge FETs are limited and discharge occurs more slowly than the tracking discharge. These discharge
functions can be disabled by selecting non-discharge mode.
The main control loop of the SMPS is designed as an adaptive on-time pulse width modulation (PWM) controller.
It supports two control schemes which are a current mode and a proprietary D-CAP™ mode. D-CAP™ mode
uses internal compensation circuit and is suitable for low external component count configuration with an
appropriate amount of ESR at the output capacitor(s). Current mode control has more flexibility, using external
compensation network, and can be used to achieve stable operation with very low ESR capacitor(s) such as
ceramic or specialty polymer capacitors.
These control modes are selected by the COMP terminal connection. If the COMP pin is connected to V5IN,
TPS51116 works in the D-CAP™ mode, otherwise it works in the current mode. VDDQ output voltage is
monitored at a feedback point voltage. If VDDQSET is connected to V5IN or GND, this feedback point is the
output of the internal resistor divider inside VDDQSNS pin. If an external resistor divider is connected to
VDDQSET pin, VDDQSET pin itself becomes the feedback point (see VDDQ Output Voltage Selection section).
At the beginning of each cycle, the synchronous top MOSFET is turned on, or becomes ON state. This MOSFET
is turned off, or becomes OFF state, after internal one shot timer expires. This one shot is determined by VIN and
VOUT to keep frequency fairly constant over input voltage range, hence it is called adaptive on-time control (see
PWM Frequency and Adaptive On-Time Control section). The MOSFET is turned on again when feedback
information indicates insufficient output voltage and inductor current information indicates below the over current
limit. Repeating operation in this manner, the controller regulates the output voltage. The synchronous bottom or
the rectifying MOSFET is turned on each OFF state to keep the conduction loss minimum. The rectifying
MOSFET is turned off when inductor current information detects zero level. This enables seamless transition to
the reduced frequency operation at light load condition so that high efficiency is kept over broad range of load
current.
In the current mode control scheme, the transconductance amplifier generates a target current level
corresponding to the voltage difference between the feedback point and the internal 750 mV reference. During
the OFF state, the PWM comparator monitors the inductor current signal as well as this target current level, and
when the inductor current signal comes lower than the target current level, the comparator provides SET signal
to initiate the next ON state. The voltage feedback gain is adjustable outside the controller device to support
various types of output MOSFETs and capacitors. In the D-CAP™ mode, the transconductance amplifier is
disabled and the PWM comparator compares the feedback point voltage and the internal 750 mV reference
during the OFF state. When the feedback point comes lower than the reference voltage, the comparator provides
SET signal to initiate the next ON state.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com