Electronic Components Datasheet Search
  English  ▼

X  

TPS51116 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51116 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS51116 Datasheet HTML 7Page - Texas Instruments TPS51116 Datasheet HTML 8Page - Texas Instruments TPS51116 Datasheet HTML 9Page - Texas Instruments TPS51116 Datasheet HTML 10Page - Texas Instruments TPS51116 Datasheet HTML 11Page - Texas Instruments TPS51116 Datasheet HTML 12Page - Texas Instruments TPS51116 Datasheet HTML 13Page - Texas Instruments TPS51116 Datasheet HTML 14Page - Texas Instruments TPS51116 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
Soft-Start and Powergood
VOCL
VVDDQ
VPGOOD
VS5
80%
87%
100%
85
µs
45
µs
UDG−04066
T
VDDQSS +
2
C
VDDQ
V
VDDQ
0.8
I
VDDQOCP
) 85 ms
(2)
T
VTTSS +
C
VTT
V
VTT
I
VTTOCL
(3)
VDDQ and VTT Discharge Control
TPS51116
SLUS609A – MAY 2004 – REVISED JUNE 2004
DETAILED DESCRIPTION (continued)
The soft start function of the SMPS is achieved by ramping up reference voltage and two-stage current clamp. At
the starting point, the reference voltage is set to 650 mV (87% of its target value) and the overcurrent threshold
is set half of the nominal value. When UVP comparator detects VDDQ become greater than 80% of the target,
the reference voltage is raised toward 750 mV using internal 4-bit DAC. This takes approximately 85 µs. The
overcurrent threshold is released to nominal value at the end of this period. The powergood signal waits another
45 µs after the reference voltage reaches 750 mV and the VDDQ voltage becomes good (above 95% of the
target voltage), then turns off powergood open-drain MOSFET.
The soft-start function of the VTT LDO is achieved by current clamp. The current limit threshold is also changed
in two stages using an internal powergood signal dedicated for LDO. During VTT is below the powergood
threshold, the current limit level is cut into 60% (2.2 A).This allows the output capacitors to be charged with low
and constant current that gives linear ramp up of the output. When the output comes up to the good state, the
overcurrent limit level is released to normal value (3.8 A). TPS51116 has an independent counter for each
output, but the PGOOD signal indicates only the status of VDDQ and does not indicate VTT powergood
externally. See Figure 1.
Figure 1. VDDQ Soft-Start and Powergood Timing
Soft-start duration, TVDDQSS, TVTTSS are functions of output capacitances.
where IVDDQOCP is the current limit value for VDDQ switcher calculated by Equation 5.
where, IVTTOCL = 2.2 A (typ). In each of the two previous calculations, no load current during start-up are
assumed. Note that both switchers and the LDO do not start up with full load condition.
TPS51116 discharges VDDQ, VTTREF and VTT outputs during S3 and S5 are both low. There are two different
discharge modes. The discharge mode can be set by connecting MODE pin as shown in Table 3.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com