Electronic Components Datasheet Search
  English  ▼

X  

TPS51116 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51116 Datasheet(HTML) 3 Page - Texas Instruments

  TPS51116 Datasheet HTML 1Page - Texas Instruments TPS51116 Datasheet HTML 2Page - Texas Instruments TPS51116 Datasheet HTML 3Page - Texas Instruments TPS51116 Datasheet HTML 4Page - Texas Instruments TPS51116 Datasheet HTML 5Page - Texas Instruments TPS51116 Datasheet HTML 6Page - Texas Instruments TPS51116 Datasheet HTML 7Page - Texas Instruments TPS51116 Datasheet HTML 8Page - Texas Instruments TPS51116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS51116
SLUS609A – MAY 2004 – REVISED JUNE 2004
over operating free-air temperature range, V
V5IN = 5 V, VLDOIN is connected to VDDQ output (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
TA = 25°C, No load, VS3 = VS5 = 5 V,
IV5IN1
Supply current 1, V5IN
0.8
2
mA
COMP connected to capacitor
TA = 25°C, No load, VS3 = 0 V, VS5 = 5 V,
IV5IN2
Supply current 2, V5IN
300
600
COMP connected to capacitor
TA = 25°C, No load, VS3 = 0 V, VS5 = 5 V,
IV5IN3
Supply current 3, V5IN
240
500
VCOMP = 5 V
µA
IV5INSDN
Shutdown current, V5IN
TA = 25°C, No load, VS3 = VS5 = 0 V
0.1
1.0
IVLDOIN1
Supply current 1, VLDOIN
TA = 25°C, No load, VS3 = VS5 = 5 V
1
10
IVLDOIN2
Supply current 2, VLDOIN
TA = 25°C, No load, VS3 = 5 V, VS5 = 0 V,
0.1
10
IVLDOINSDN
Standby current, VLDOIN
TA = 25°C, No load, VS3 = VS5 = 0 V
0.1
1.0
VTTREF OUTPUT
VVTTREF
Output voltage, VTTREF
VVDDQSNS/2
V
-10 mA < IVTTREF < 10 mA, VVDDQSNS = 2.5 V,
-20
20
Tolerance to VVDDQSNS/2
VVTTREFTOL
Output voltage tolerance
mV
-10 mA < IVTTREF < 10 mA, VVDDQSNS = 1.8 V,
-18
18
Tolerance to VVDDQSNS/2
VVTTREFSRC
Source current
VVDDQSNS = 2.5 V, VVTTREF = 0 V
-20
-40
-80
mA
VVTTREFSNK
Sink current
VVDDQSNS = 2.5 V, VVTTREF = 2.5 V
20
40
80
VTT OUTPUT
VS3 = VS5 = 5 V, VVLDOIN = VVDDQSNS = 2.5 V
1.25
VVTTSNS
Output voltage, VTT
V
VS3 = VS5 = 5 V, VVLDOIN = VVDDQSNS = 1.8 V
0.9
VS3 = VS5 = 5 V, IVTT = 0 A
-20
20
VTT output voltage tolerance
VVTTTOL25
VS3 = VS5 = 5 V, |IVTT| = 0 A < 1.5 A
-30
30
to VTTREF
VS3 = VS5 = 5 V, |IVTT| = 0 A < 3 A
-40
40
mV
VS3 = VS5 = 5 V, IVTT = 0 A
-20
20
VTT output voltage tolerance
VVTTTOL18
VS3 = VS5 = 5 V, |IVTT| = 0 A < 1 A
-30
30
to VTTREF
VS3 = VS5 = 5 V, |IVTT| = 0 A < 2 A
-40
40
VVLDOIN = VVDDQSNS = 2.5 V, VVTT = VVTTSNS =
3.0
3.8
6.0
1.19 V, PGOOD = HI
IVTTTOCLSRC
Source current limit, VTT
VVLDOIN = VVDDQSNS = 2.5 V, VVTT = 0 V
1.5
2.2
3.0
A
VVLDOIN = VVDDQSNS = 2.5 V, VVTT = VVTTSNS =
3.0
3.6
6.0
1.31 V, PGOOD = HI
IVTTTOCLSNK
Sink current limit, VTT
VVLDOIN = VVDDQSNS = 2.5 V, VVTT = VVDDQ
1.5
2.2
3.0
IVTTLK
Leakage current, VTT
VS3 = 0 V, VS5 = 5 V, VVTT = VVDDQSNS /2
-10
10
IVTTBIAS
Input bias current, VTTSNS
VS3 = 5 V, VVTTSNS = VVDDQSNS /2
-1
-0.1
1
µA
IVTTSNSLK
Leakage current, VTTSNS
VS3 = 0 V, VS5 = 5 V, VVTT = VVDDQSNS /2
-1
1
TA = 25°C, VS3 = VS5 = VVDDQSNS = 0 V,
IVTTDisch
Discharge current, VTT
10
17
mA
VVTT = 0.5 V
VDDQ OUTPUT
TA = 25°C, VVDDQSET = 0 V, No load
2.465
2.500
2.535
0
°C ≤ T
A≤ 85°C, VVDDQSET = 0 V, No load
(1)
2.457
2.500
2.543
-40
°C ≤ T
A≤ 85°C, VVDDQSET = 0 V, No load
(1)
2.440
2.500
2.550
VVDDQ
Output voltage, VDDQ
TA = 25°C, VVDDQSET = 5 V, No load
(1)
1.776
1.800
1.824
V
0
°C ≤ T
A≤ 85°C, VVDDQSET = 5V, No load
(1)
1.769
1.800
1.831
-40
°C ≤ T
A≤ 85°C, VVDDQSET = 5V, No load
(1)
1.764
1.800
1.836
-40
°C ≤ T
A≤ 85°C, Adjustable mode, No load
(1)
1.5
3.0
(1)
Ensured by design. Not production tested.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com