Electronic Components Datasheet Search
  English  ▼

X  

TPS51116 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51116 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS51116 Datasheet HTML 19Page - Texas Instruments TPS51116 Datasheet HTML 20Page - Texas Instruments TPS51116 Datasheet HTML 21Page - Texas Instruments TPS51116 Datasheet HTML 22Page - Texas Instruments TPS51116 Datasheet HTML 23Page - Texas Instruments TPS51116 Datasheet HTML 24Page - Texas Instruments TPS51116 Datasheet HTML 25Page - Texas Instruments TPS51116 Datasheet HTML 26Page - Texas Instruments TPS51116 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
www.ti.com
VIN − Input Voltage − V
DDR2
4
390
370
8
12
16
20
24
28
380
420
400
410
430
D-CAP
™ Mode
IVDDQ = 7 A
DDR
0
0
2
4
6
8
10
100
150
50
300
400
450
350
250
200
IVDDQ − VDDQ Output Current − A
DDR2
D−CAP
™ Mode
VIN = 12 V
DDR
0
2
1.785
1.795
1.800
1.790
1.815
1.820
1.810
1.805
1.780
4
6
8
10
IVDDQ − VDDQ Output Current − A
D−CAP
™ Mode
VIN = 12 V
4
8
12
16
20
24
30
1.785
1.795
1.800
1.790
1.815
1.820
1.810
1.805
1.780
VIN − Input Voltage − V
D−CAP
™ Mode
IVDDQ = 0 A
IVDDQ = 10 A
TPS51116
SLUS609A – MAY 2004 – REVISED JUNE 2004
TYPICAL CHARACTERISTICS (continued)
SWITCHING FREQUENCY
SWITCHING FREQUENCY
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 14.
Figure 15.
VDDQ OUTPUT VOLTAGE
VDDQ OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT (DDR)
INPUT VOLTAGE (DDR2)
Figure 16.
Figure 17.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com