Electronic Components Datasheet Search
  English  ▼

X  

TPS51116 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51116 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS51116 Datasheet HTML 21Page - Texas Instruments TPS51116 Datasheet HTML 22Page - Texas Instruments TPS51116 Datasheet HTML 23Page - Texas Instruments TPS51116 Datasheet HTML 24Page - Texas Instruments TPS51116 Datasheet HTML 25Page - Texas Instruments TPS51116 Datasheet HTML 26Page - Texas Instruments TPS51116 Datasheet HTML 27Page - Texas Instruments TPS51116 Datasheet HTML 28Page - Texas Instruments TPS51116 Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
www.ti.com
t − Time − 100
µs/div
VDDQ
VTTREF
PGOOD
S5
IVDDQ = IVTTREF = 0 A
t − Time − 20
µs/div
VVDDQ (50 mV/div)
VVTT (20 mV/div)
VVTTREF
(20 mV/div)
IVTT
(2 A/div)
t − Time − 1 ms/div
VDDQ
VTTREF
VTT
S5
IVDDQ = IVTT = IVTTREF = 0 A
t − Time − 200
µs/div
VDDQ
VTTREF
VTT
S5
IVDDQ = IVTT = IVTTREF = 0 A
TPS51116
SLUS609A – MAY 2004 – REVISED JUNE 2004
TYPICAL CHARACTERISTICS (continued)
Figure 26. VTT Load Transient Response
Figure 27. VDDQ, VTT, and VTTREF Start-Up Waveforms
Figure 28. Soft-Start Waveforms Tracking Discharge
Figure 29. Soft-Stop Waveforms Non-Tracking Discharge
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com