Electronic Components Datasheet Search
  English  ▼

X  

TPS51116 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116
Description  COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51116 Datasheet(HTML) 1 Page - Texas Instruments

  TPS51116 Datasheet HTML 1Page - Texas Instruments TPS51116 Datasheet HTML 2Page - Texas Instruments TPS51116 Datasheet HTML 3Page - Texas Instruments TPS51116 Datasheet HTML 4Page - Texas Instruments TPS51116 Datasheet HTML 5Page - Texas Instruments TPS51116 Datasheet HTML 6Page - Texas Instruments TPS51116 Datasheet HTML 7Page - Texas Instruments TPS51116 Datasheet HTML 8Page - Texas Instruments TPS51116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
1
2
3
4
20
19
18
17
VBST
DRVH
LL
DRVL
VLDOIN
VTT
VTTGND
VTTSNS
TPS51116PWP
5
6
7
8
GND
MODE
COMP
9
10 VDDQSET
VTTREF
VDDQSNS
16
15
14
13
PGND
CS
V5IN
PGOOD
12
11
S5
S3
C1
Ceramic
R1
R2
S5
S3
5V_IN
PGOOD
GND
GND
C5
Ceramic
2
× 10 µF
C8
SP−CAP
2
× 150 µF
C2
Ceramic
4.7
µF
L1
1
µH
C4
Ceramic
0.033
µF
C3
Ceramic
2
× 10 µF
UDG−04058
TYPICAL APPLICATION
(DDR2)
0.1
µF
VTT
0.9 V
2 A
VIN
VDDQ
1.8 V
10 A
VREF
0.9 V
10 mA
TPS51116
SLUS609A – MAY 2004 – REVISED JUNE 2004
COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION
SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
•
Synchronous Buck Controller (VDDQ)
The TPS51116 provides a complete power supply for
both DDR/SSTL-2 and DDR2/SSTL-18 memory sys-
– Wide-Input Voltage Range: 3.0-V to 28-V
tems. It integrates a synchronous buck controller with
– D–CAP™ Mode with 100-ns Load Step Re-
a 3-A sink/source tracking linear regulator and
sponse
buffered low noise reference. The TPS51116 offers
– Current Mode Option Supports Ceramic
the lowest total solution cost in systems where space
Output Capacitors
is at a premium. The TPS51116 synchronous control-
ler runs fixed 400kHz pseudo-constant frequency
– Supports Soft-Off in S4/S5 States
PWM with an adaptive on-time control that can be
– Current Sensing from RDS(on) or Resistor
configured in D-CAP™ Mode for ease of use and
– 2.5-V (DDR), 1.8-V (DDR2) or Adjustable
fastest transient response or in current mode to
Output (1.5-V to 3.0-V)
support
ceramic
output
capacitors.
The
3-A
sink/source LDO maintains fast transient response
– Equipped with Powergood, Overvoltage Pro-
only requiring 20-µF (2
× 10 µF) of ceramic output
tection and Undervoltage Protection
capacitance. In addition, the LDO supply input is
•
3-A LDO (VTT), Buffered Reference (VREF)
available externally to significantly reduce the total
– Capable to Sink and Source 3 A
power losses. The TPS51116 supports all of the
sleep state controls placing VTT at high-Z in S3
– LDO Input Available to Optimize Power
(suspend to RAM) and discharging VDDQ, VTT and
Losses
VTTREF (soft-off) in S4/S5 (suspend to disk). The
– Requires only 20-µF Ceramic Output Ca-
TPS51116 has all of the protection features including
pacitor
thermal shutdown and is in a 20-pin HTSSOP
PowerPAD™ package.
– Buffered Low Noise 10-mA Output
– Accuracy
±20 mV for both VREF and VTT
– Supports High-Z in S3 and Soft-Off in S4/S5
•
DDR/DDR2 Memory Power Supplies
– Thermal Shutdown
•
SSTL-2 SSTL-18 and HSTL Termination
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51116 TI1-TPS51116 Datasheet
1Mb / 38P
COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116 Datasheet
1Mb / 45P
Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116MPWPEP TI1-TPS51116MPWPEP Datasheet
1Mb / 38P
COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116MPWPREP TI1-TPS51116MPWPREP Datasheet
1Mb / 38P
COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
More results

Similar Description - TPS51116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS59116 TI-TPS59116 Datasheet
794Kb / 36P
Complete DDR, DDR2 and DDR3 Memory Power Solution Synchronous Buck Controller 3-A LDO, Buffered Reference for Embedded Computing Systems
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
G5616 GMT-G5616 Datasheet
108Kb / 4P
Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 3A LDO, Buffered Reference
logo
Texas Instruments
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com