Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200A Datasheet(PDF) 34 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 30Page - Texas Instruments TUSB3200A Datasheet HTML 31Page - Texas Instruments TUSB3200A Datasheet HTML 32Page - Texas Instruments TUSB3200A Datasheet HTML 33Page - Texas Instruments TUSB3200A Datasheet HTML 34Page - Texas Instruments TUSB3200A Datasheet HTML 35Page - Texas Instruments TUSB3200A Datasheet HTML 36Page - Texas Instruments TUSB3200A Datasheet HTML 37Page - Texas Instruments TUSB3200A Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 102 page
background image
TUSB3200A
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
www.ti.com
FUNCTIONAL
ACTUAL BYTE-WIDE REGISTERS
REGISTER
24-bit Frequency
ACGFRQ2
ACGFRQ1
ACGFRQ0
register
16-bit MCLK capture
ACGCAPH
ACGCAPL
register
8-bit Divider control
ACGDCTL
register
8-bit ACG control
ACGCTL
register
The main functional modules of the ACG are described in the following sections.
2.2.8.1
Programmable Frequency Synthesizer
The 24-bit ACG frequency register value is used to program the frequency synthesizer. This results in high
resolution to accurately select the desired codec master clock frequency. The value of the frequency
register may be updated by the MCU while the ACG is running. In audio applications, the firmware can
adjust the frequency value by ±LSB or more to lock onto the USB start-of-frame (SOF) signal to achieve a
synchronous mode of operation. The 24-bit frequency register value is updated and used by the frequency
synthesizer only when MCU writes to the ACGFRQ0 register.
Depending on the application, a smaller number of bits for controlling the synthesizer frequency can be
chosen. The frequency resolution also depends on the actual frequency being used. In general, the
frequency resolution is less for higher frequencies and more for lower frequencies. This is due to the fact
that the 208 ps frequency resolution becomes more significant compared to the period at higher
frequencies than at lower frequencies. The resolution increases with the number of bits used to represent
the frequency as the quantization error reduces as more bits are used to represent a fractional number.
The clock frequency of the MCLKO output signal is calculated by using the formula:
For N > 24 and N < 50: MCLKO frequency = (25/N) × 192/8 MHz
For N = 50: MCLKO frequency = 96/8 MHz
Where N is the value in the 24-bit frequency register (ACGFRQ). The value of N can range from 24 to 50.
The 6 most significant bits of the 24-bit frequency register are used to represent the integer portion of N
and the remaining 18 bits of the frequency register are used to represent the fractional portion of N. An
example is shown below.
Example Frequency Register Calculation
Suppose the desired MCLKO frequency is 24.576 MHz. Using the above formula, N = 24.4140625
decimal. To determine the binary value to be written to the ACGFRQ register, separately convert the
integer value (24) to 6-bit binary and the fractional value (4140625) to 18-bit binary. As a result, the 24-bit
binary value is 011000.011010100000000000.
The corresponding values to program into the ACGFRQ registers are:
ACGFRQ2 = 01100001b = 61h
ACGFRQ1 = 10101000b = A8h
ACGFRQ0 = 00000000b = 00h
Keep in mind that writing to the ACGFRQ0 register loads the frequency synthesizer with the new 24-bit
value.
Example Frequency Resolution Calculation
To illustrate the frequency resolution capabilities of the ACG, the next possible higher and lower
frequencies for MCLKO can be calculated.
To get the next possible higher frequency of MCLKO equal to 24.57600384 MHz, increase the value of N
by 1 LSB. Thus, N = 011000.011010100000000001 binary.
34
Description
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com