Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200A Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 12Page - Texas Instruments TUSB3200A Datasheet HTML 13Page - Texas Instruments TUSB3200A Datasheet HTML 14Page - Texas Instruments TUSB3200A Datasheet HTML 15Page - Texas Instruments TUSB3200A Datasheet HTML 16Page - Texas Instruments TUSB3200A Datasheet HTML 17Page - Texas Instruments TUSB3200A Datasheet HTML 18Page - Texas Instruments TUSB3200A Datasheet HTML 19Page - Texas Instruments TUSB3200A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
TUSB3200A
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
www.ti.com
1.7
Terminal Functions
− External MCU Mode
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AVDD
2
3.3-V Analog supply voltage
AVSS
49
Analog ground
CSCLK
34
I/O
Codec port interface serial clock: CSCLK is the serial clock for the codec port interface used to clock
the CSYNC, CDATO, CDATI, CRESET, and CSCHNE signals. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer.
CSYNC
35
I/O
Codec port interface frame sync: CSYNC is the frame synchronization signal for the codec port
interface. This signal uses a 5-V compatible TTL/LVCMOS input/output buffer.
CDATO
36
I/O
Codec port interface serial data output: See Section 1.9 for details. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer.
CDATI
38
I/O
Codec port interface serial data input: See Section 1.9 for details. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer.
CRESET
39
I/O
Codec port interface reset output: See Section 1.9 for details. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer.
CSCHNE
40
I/O
Codec port interface secondary channel enable: See Section 1.9 for details. This signal uses a 5-V
compatible TTL/LVCMOS input/output buffer.
DP
7
I/O
USB differential pair data signal plus: DP is the positive signal of the bidirectional USB differential pair
used to connect the TUSB3200A device to the universal serial bus.
DM
8
I/O
USB differential pair data signal minus: DM is the negative signal of the bidirectional USB differential
pair used to connect the TUSB3200A device to the universal serial bus.
DVDD
9, 21, 37
3.3-V digital supply voltage
DVDDS
27, 43
5-V Digital supply voltage
DVSS
5, 16, 33,
Digital ground
46
EXTEN
12
I
External MCU mode enable: Input used to enable the device for the external MCU mode. This signal
uses a 3.3-V TTL/LVCMOS input buffer.
MCLKI
47
I
Master clock input: An input that can be used as the master clock for the codec port interface or the
source for MCLKO2. This signal uses a 5-V to 3.3-V level-shifting input buffer.
MCLKI2
48
I
Master clock input 2: An input that can be used as the master clock for the codec port interface or the
source for MCLKO2. This signal uses a 5-V to 3.3-V level-shifting input buffer.
MCLKO
44
O
Master clock output: The output of the ACG that can be used as the master clock for the codec port
interface and the codec. This signal uses a 3.3-V TTL/LVCMOS output buffer.
MCLKO2
45
O
Master clock output 2: An output that can be used as the master clock for the codec port interface and
the codec. This clock signal can also be used as a miscellaneous clock. This signal uses a 3.3-V
TTL/LVCMOS output buffer.
MCUAD0
24
I/O
MCU multiplexed address/data bit 0: Multiplexed address bit 0/data bit 0 for external MCU access to
the TUSB3200A external data memory space.
MCUAD1
25
I/O
MCU multiplexed address/data bit 1: Multiplexed address bit 1/data bit 1 for external MCU access to
the TUSB3200A external data memory space.
MCUAD2
26
I/O
MCU multiplexed address/data bit 2: Multiplexed address bit 2/data bit 2 for external MCU access to
the TUSB3200A external data memory space.
MCUAD3
28
I/O
MCU multiplexed address/data bit 3: Multiplexed address bit 3/data bit 3 for external MCU access to
the TUSB3200A external data memory space.
MCUAD4
29
I/O
MCU multiplexed address/data bit 4: Multiplexed address bit 4/data bit 4 for external MCU access to
the TUSB3200A external data memory space.
MCUAD5
30
I/O
MCU multiplexed address/data bit 5: Multiplexed address bit 5/data bit 5 for external MCU access to
the TUSB3200A external data memory space.
MCUAD6
31
I/O
MCU multiplexed address/data bit 6: Multiplexed address bit 6/data bit 6 for external MCU access to
the TUSB3200A I/O external data memory space.
MCUAD7
32
I/O
MCU multiplexed address/data bit 7: Multiplexed address bit 7/data bit 7 for external MCU access to
the TUSB3200A external data memory space.
MCUA8
14
I
MCU address bit 8: Multiplexed address bit 8 for external MCU access to the TUSB3200A external
data memory space.
MCUA9
15
I
MCU address bit 9: Multiplexed address bit 9 for external MCU access to the TUSB3200A external
data memory space.
16
Introduction
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com