Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200A Datasheet(PDF) 53 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 53 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 49Page - Texas Instruments TUSB3200A Datasheet HTML 50Page - Texas Instruments TUSB3200A Datasheet HTML 51Page - Texas Instruments TUSB3200A Datasheet HTML 52Page - Texas Instruments TUSB3200A Datasheet HTML 53Page - Texas Instruments TUSB3200A Datasheet HTML 54Page - Texas Instruments TUSB3200A Datasheet HTML 55Page - Texas Instruments TUSB3200A Datasheet HTML 56Page - Texas Instruments TUSB3200A Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 102 page
background image
CRESET
39
40
41
42
43
44
45
46
47
48
49
50
51
52
3.09 kW
USB_CONN
27.4 W
27.4 W
10
kW
1 µF
20 kW
4.99 kW
4.99 kW
4.99 kW
4.99 kW
MRESET
RSTO
15 kW
1.5 kW
PN2222A
(see Note A)
Data–
Data+
TUSB3200A
www.ti.com
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
4
Application Information
A.
External PN2222A is used to prevent PUR and R1 from providing current on Data+ when VBUS is removed.
Figure 4-1. Typical TUSB3200A Device Connections
Copyright © 2001–2011, Texas Instruments Incorporated
Application Information
53
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com