Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200A Datasheet(PDF) 72 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 72 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 68Page - Texas Instruments TUSB3200A Datasheet HTML 69Page - Texas Instruments TUSB3200A Datasheet HTML 70Page - Texas Instruments TUSB3200A Datasheet HTML 71Page - Texas Instruments TUSB3200A Datasheet HTML 72Page - Texas Instruments TUSB3200A Datasheet HTML 73Page - Texas Instruments TUSB3200A Datasheet HTML 74Page - Texas Instruments TUSB3200A Datasheet HTML 75Page - Texas Instruments TUSB3200A Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
TUSB3200A
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
www.ti.com
A.5.1.3
USB Interrupt Mask Register (USBMSK
− Address FFFDh)
The USB interrupt mask register contains the interrupt mask bits used to enable or disable the generation
of interrupts based on the corresponding status bits.
BIT
7
6
5
4
3
2
1
0
MNEMONIC
RSTR
SUSR
RESR
SOF
PSOF
SETUP
—
STPOW
TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
DEFAULT
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
RSTR
Function reset
The function reset interrupt mask bit is set to a 1 by the MCU to
enable the USB function reset interrupt.
6
SUSR
Function suspend
The function suspend interrupt mask bit is set to a 1 by the MCU to
enable the USB function suspend interrupt.
5
RESR
Function resume
The function resume interrupt mask bit is set to a 1 by the MCU to
enable the USB function resume interrupt.
4
SOF
Start-of-frame
The start-of-frame interrupt mask bit is set to a 1 by the MCU to
enable the USB start-of-frame interrupt.
3
PSOF
Pseudo start-of-frame
The pseudo start-of-frame interrupt mask bit is set to a 1 by the MCU
to enable the USB pseudo start-of-frame interrupt.
2
SETUP
Setup stage transaction
The setup stage transaction interrupt mask bit is set to a 1 by the
MCU to enable the USB setup stage transaction interrupt.
1
—
Reserved
Reserved for future use
0
STPOW
Setup stage transaction
The setup stage transaction over-write interrupt mask bit is set to a 1
overwrite
by the MCU to enable the USB setup stage transaction overwrite
interrupt.
A.5.1.4
USB Control Register (USBCTL
− Address FFFCh)
The USB control register contains various control bits used for USB operations.
BIT
7
6
5
4
3
2
1
0
MNEMONIC
CONT
FEN
RWUP
FRSTE
—
—
—
—
TYPE
R/W
R/W
R/W
R/W
R
R
R
R
DEFAULT
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
CONT
Function connect
The function connect bit is set to a 1 by the MCU to connect the
TUSB3200A device to the USB. As a result of connecting to the USB,
the host PC should enumerate the function. When this bit is set, the
USB data plus pullup resistor (PUR) output signal is enabled, which
will connect the pullup on the PCB to the TUSB3200A 3.3-V supply
voltage. When this bit is cleared to a 0, the PUR output is in the
3-state mode. This bit is not affected by a USB reset.
6
FEN
Function enable
The function enable bit is set to a 1 by the MCU to enable the
TUSB3200A device to respond to USB transactions. If this bit is
cleared to a 0, the UBM ignores all USB transactions. This bit is
cleared by a USB reset.
5
RWUP
Remote wake-up
The remote wake-up bit is set to a 1 by the MCU to request the
suspend/resume logic to generate resume signaling upstream on the
USB. This bit is used to exit a USB low-power suspend state when a
remote wake-up event occurs. After initiating the resume signaling by
setting this bit, the MCU should clear this bit within 2.5 µs.
4
FRSTE
Function reset enable
The function reset enable bit is set to a 1 by the MCU to enable the
USB reset to reset all internal logic including the MCU. However, the
shadow the ROM (SDW) and the USB function connect (CONT) bits
will not be reset. When this bit is set, the reset output (RSTO) signal
from the TUSB3200A device will also be active when a USB reset
occurs. This bit is not affected by USB reset.
3:0
—
Reserved
Reserved for future use
72
MCU Memory and Memory-Mapped Registers
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com