Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200A Datasheet(PDF) 84 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 84 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 80Page - Texas Instruments TUSB3200A Datasheet HTML 81Page - Texas Instruments TUSB3200A Datasheet HTML 82Page - Texas Instruments TUSB3200A Datasheet HTML 83Page - Texas Instruments TUSB3200A Datasheet HTML 84Page - Texas Instruments TUSB3200A Datasheet HTML 85Page - Texas Instruments TUSB3200A Datasheet HTML 86Page - Texas Instruments TUSB3200A Datasheet HTML 87Page - Texas Instruments TUSB3200A Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
TUSB3200A
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
www.ti.com
A.5.4.2
Codec Port Interface Configuration Register 2 (CPTCNF2
− Address FFDFh)
The codec port interface configuration register 2 is used to store various control bits for the codec port
interface operation.
BIT
7
6
5
4
3
2
1
0
MNEMONIC
TSL0L1
TSL0L0
BPTSL2
BPTSL1
BPTSL0
TSLL2
TSLL1
TSLL0
TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DEFAULT
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:6
TSL0L(1:0)
Time slot 0 length
The time slot 0 Length bits are set by the MCU to program the number of serial
clock (CSCLK) cycles for time slot 0.
00b = CSCLK cycles for time slot 0 same as other time slots
01b = 8 CSCLK cycles for time slot 0
10b = 16 CSCLK cycles for time slot 0
11b = 32 CSCLK cycles for time slot 0
5:3
BPTSL(2:0)
Data bits per time slot
The data bits per time slot bits are set by the MCU to program the number of
data bits per audio time slot. Note that this value in not used for the secondary
communication address and data time slots.
000b = 8 data bits per time slot
001b = 16 data bits per time slot
010b = 18 data bits per time slot
011b = 20 data bits per time slot
100b = 24 data bits per time slot
101b = 32 data bits per time slot
110b = reserved
111b = reserved
2:0
TSLL(2:0)
Time slot length
The time slot length bits are set by the MCU to program the number of serial
clock (CSCLK) cycles for all time slots except time slot 0.
000b = 8 CSCLK cycles per time slot
001b = 16 CSCLK cycles per time slot
010b = 18 CSCLK cycles per time slot
011b = 20 CSCLK cycles per time slot
100b = 24 CSCLK cycles per time slot
101b = 32 CSCLK cycles per time slot
110b = reserved 111b = reserved
84
MCU Memory and Memory-Mapped Registers
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com