Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200A Datasheet(PDF) 46 Page - Texas Instruments

Part # TUSB3200A
Description  USB Streaming Controller (STC)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3200A Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 42Page - Texas Instruments TUSB3200A Datasheet HTML 43Page - Texas Instruments TUSB3200A Datasheet HTML 44Page - Texas Instruments TUSB3200A Datasheet HTML 45Page - Texas Instruments TUSB3200A Datasheet HTML 46Page - Texas Instruments TUSB3200A Datasheet HTML 47Page - Texas Instruments TUSB3200A Datasheet HTML 48Page - Texas Instruments TUSB3200A Datasheet HTML 49Page - Texas Instruments TUSB3200A Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
TUSB3200A
SLES018B – OCTOBER 2001 – REVISED FEBRUARY 2011
www.ti.com
2.2.15.1 Port 3 GPIO Bits
As illustrated in Figure 2-8, alternative inputs on port 3 are routed directly from the DI input at the MCU
core interface to their destination within the MCU core. It is also noted that when the port bit is used as an
alternative input, the value of the input can still be read by the MCU. If the port bit is to be used as a
general-purpose input, the firmware must make the proper settings so that the alternative logic unit that
receives the general-purpose input does not erroneously respond to the input.
Each alternative output on port 3 is ANDed with the memory-mapped latch (Special Function Register
−
SFR) assigned to that port bit, and the result is DO. This means that if the alternate output is to be used,
the latch must be set to logic 1. Similarly, if the latch is to be the source for DO, the alternate output must
be logic 1. (The MCU core assures that if the logical unit supplying the alternate output is not used, its
default state is logic 1).
Power-up initialization of P3.0 and P3.1 results in indeterminate output state (that is, three-state, pulldown,
or pullup) until the MCU clock begins operating, at which time the pins are high-impedance, until the
application program effects a change.
2.2.15.1.1 UART Alternative Functions
Port 3 GPIO bits P3.0 and P3.1, in addition to being able to serve as general-purpose I/O bits, can also
serve to implement UART functionality. The UART implemented offers four modes of operation. In mode
0, UART output data is output on port bit P3.0 and the transmit clock (MCU clock/12) is output on port bit
P3.1. In modes 1, 2, and 3, UART receive data is input on P3.0 and UART transmit data is output on
P3.1. Modes 1, 2, and 3 are then full duplex modes; serial data can be transmitted and received
simultaneously.
In all four UART modes, transmission is initiated by any instruction that accesses the MCU-core register
SBUF. If this register is not written to, the alternate output lines for P3.0 and P3.1 are at their default logic
1 state. P3.0 and P3.1 can then be used as general-purpose outputs if no instructions access register
SBUF.
The REN bit in the MCU serial port control register SCON enables UART reception if set to logic 1. If REN
is cleared to logic 0, using P3.0 as a general-purpose input does not result in erroneous behavior in the
UART logic block. P3.1 has no alternative input function, and thus it can be used as a general-purpose
input if the latch assigned to that bit is set to logic 1 and no instructions access register SBUF. (P3.0 also
requires that its latch be set to logic 1 and that no instructions access register SBUF if it is to be used as a
general-purpose input).
46
Description
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB3200A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com